Electronic Components Datasheet Search
  English  ▼

X  

TPS70458PWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS70458PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS70458PWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS70458PWPR Datasheet HTML 26Page - Texas Instruments TPS70458PWPR Datasheet HTML 27Page - Texas Instruments TPS70458PWPR Datasheet HTML 28Page - Texas Instruments TPS70458PWPR Datasheet HTML 29Page - Texas Instruments TPS70458PWPR Datasheet HTML 30Page - Texas Instruments TPS70458PWPR Datasheet HTML 31Page - Texas Instruments TPS70458PWPR Datasheet HTML 32Page - Texas Instruments TPS70458PWPR Datasheet HTML 33Page - Texas Instruments TPS70458PWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
APPLICATION INFORMATION
Input Capacitor
For a typical application, a ceramic input bypass capacitor (0.22 mF to 1 mF) is recommended. This capacitor
should be as close to the input pins as possible. Due to the impedance of the input supply, large transient
currents cause the input voltage to droop. If this droop causes the input voltage to drop below the UVLO
threshold, the device turns off. Therefore, it is recommended to place a larger capacitor in parallel with the
ceramic bypass capacitor at the regulator input. The size of this capacitor depends on the output current, the
response time of the main power supply, and the main power supply distance to the regulator. At a minimum, the
capacitor should be sized to ensure that the input voltage does not drop below the minimum UVLO threshold
voltage during normal operating conditions.
Output Capacitor
As with most LDO regulators, the TPS704xx requires an output capacitor connected between OUT and GND to
stabilize the internal control loop. The minimum recommended capacitance value for VOUT1 is 22 mF and the ESR
(equivalent series resistance) must be between 50 m
Ω and 800 mΩ. The minimum recommended capacitance
value for VOUT2 is 47 mF and the ESR must be between 50 mΩ and 2 Ω. Solid tantalum electrolytic, aluminum
electrolytic, and multilayer ceramic capacitors are all suitable, provided they meet the requirements described
above. Larger capacitors provide a wider range of stability and better load transient response. Table 1 gives a
partial listing of surface-mount capacitors suitable for use with the TPS704xx for fast transient response
applications.
This information, along with the ESR graphs, is included to assist in selection of suitable capacitance for user
applications. When necessary to achieve low height requirements along with high output current and/or high load
capacitance, several higher ESR capacitors can be used in parallel to meet the guidelines above.
Table 1. Partial Listing of TPS704xx-Compatible Surface-Mount Capacitors
VALUE
MANUFACTURER
MFR PART NO.
680 mF
Kemet
T510X6871004AS
470 mF
Sanyo
4TPB470M
150 mF
Sanyo
4TPC150M
220 mF
Sanyo
2R5TPC220M
100 mF
Sanyo
2R5TPC220M
68 mF
Sanyo
10TPC68M
68 mF
Kemet
T495D6861006AS
47 mF
Kemet
T495D4761010AS
33 mF
Kemet
T495C3361016AS
22 mF
Kemet
T495C2261010AS
30
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com