Electronic Components Datasheet Search
  English  ▼

X  

GPA801 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # GPA801
Description  Glass Passivated Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GPA801 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  GPA801 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GPA801 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass Passivated Diode
GPA801
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· High Reliability
· High Surge Current Capability
APPLICATIONS
· Switching Power Supply (SPS)
· High Frequency Converter
· DC/DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms, half wave)
150
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃
/W
TO-220C Package
3
1
2


Similar Part No. - GPA801

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPA801 TSC-GPA801 Datasheet
51Kb / 2P
8.0 AMPS. Glass Passivated Rectifiers
GPA801 TSC-GPA801 Datasheet
262Kb / 2P
8.0 AMPS. Glass Passivated Rectifiers
GPA801 TSC-GPA801 Datasheet
996Kb / 2P
8.0 AMPs. Glass Passivated Rectifiers
logo
RFE international
GPA801 RFE-GPA801 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Micro Commercial Compon...
GPA801 MCC-GPA801 Datasheet
119Kb / 3P
8 Amp Glass Passivated Rectifier
More results

Similar Description - GPA801

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
Glass Passivated Zener Diode
logo
Zibo Seno Electronic En...
UF250G ZSELEC-UF250G Datasheet
88Kb / 2P
2.5A GLASS PASSIVATED ULTRAFAST DIODE
UF500G ZSELEC-UF500G Datasheet
87Kb / 2P
5A GLASS PASSIVATED ULTRAFAST DIODE
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Shanghai Leiditech Elec...
MD100C18D1 LEIDITECH-MD100C18D1 Datasheet
303Kb / 3P
Glass Passivated Rectifier Diode Modules
MD36C18D1 LEIDITECH-MD36C18D1 Datasheet
323Kb / 3P
Glass Passivated Rectifier Diode Modules
MD70C18D1 LEIDITECH-MD70C18D1 Datasheet
305Kb / 3P
Glass Passivated Rectifier Diode Modules
MD240C18J2 LEIDITECH-MD240C18J2 Datasheet
322Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
EIC discrete Semiconduc...
BYT62 EIC-BYT62 Datasheet
143Kb / 2P
GLASS PASSIVATED AVALANCHE DIODE
Rev. 02 : April 30, 2013
BYT62S-Q EIC-BYT62S-Q Datasheet
737Kb / 2P
GLASS PASSIVATED AVALANCHE DIODE
Rev. 01 : March 03, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com