Electronic Components Datasheet Search
  English  ▼

X  

IDB06E60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IDB06E60
Description  Fast Switching EmCon Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IDB06E60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IDB06E60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IDB06E60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Switching EmCon Diode
IDB06E60
www.iscsemi.com
1
FEATURES
· Low Forward Voltage
· Fast Recovery
· Low Reverse Recovery Charge
APPLICATIONS
· Motor Drives
· Inverters
· Power Supplies
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
6
A
IFSM
Non-repetitive Peak Surge Current
(tp= 10ms, Sine Halfwave)
28
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.9
℃
/W
2
2
3
1


Similar Part No. - IDB06E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB06E60 INFINEON-IDB06E60 Datasheet
197Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB06E60 INFINEON-IDB06E60 Datasheet
220Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB06E60 INFINEON-IDB06E60_07 Datasheet
220Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
More results

Similar Description - IDB06E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
Fast Switching EmCon Diode
2001-12-05
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com