Electronic Components Datasheet Search
  English  ▼

X  

PRO115SL Datasheet(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO115SL
Description  Mechanical Bearing, Ball-Screw Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO115SL Datasheet(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO115SL Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO115SL Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
aerotech.com
PRO115SL DIMENSIONS
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
101.6
ENGLISH MOUNTING
100
METRIC MOUNTING
MOTOR LENGTH
"E"
A
AIR PURGE FITTING
6 MM OR 1/4 IN OD TUBING
64.1
TOP OF BRAKE
60.9
TOP OF MOTOR
"A"
STAGE LENGTH
22.6
15
"B"
METRIC 12.7
ENGLISH 10.5
THRU 6.8
8
115
70
W/ OPTIONAL
TABLETOP
60 TOP
OF CARRIAGE
100
125
100
DETAIL A
CARRIAGE MOUNTING HOLES
6X M5X0.8
HELICOIL 5.8
4X M6X1.0
HELICOIL 7.0
191
FOLDBACK LENGTH
"F"
OPTIONAL FOLDBACK
-8 ORIENTATION SHOWN
137
115
75
100
25
50
20X M6x1
HELICOIL
7.0
OPTIONAL TABLETOP
METRIC (-TT1)
1.
NOTES:
1. -TT1 TABLETOP OPTION REQUIRED FOR LOWER AXIS
OF XY ASSEMBLIES WHEN FOLDBACK OPTION IS CHOSEN.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
-
-
UPDATED OPTION CODES, MOUNTING DIMS
REMOVED "PRELIMINARY" NOTE
08-DEC-15 BMIKLANCIE
17088
A
PRO SERIES UPDATE: PRO115SL-CAT REPLACES PRO115-CAT
31-JAN-16 BMIKLANCIE
17947
B
CLARIFIED FOLDBACK DIMENSION: NOW TO CABLE CLAMP
35.4 WAS 30.2, 73.5 WAS 68.3
19-DEC-16 BMIKLANCIE
ECO0001731
C
NOMINAL TRAVEL ROUNDED DOWN TO METRIC EQUIVALENT
30-MAY-19
JSTAHR
ECO0004809
D
RATIONALIZATION UPDATE: TRAVEL NOW -300, FOLDBACK BROKEN OUT,
FOLDBACK AND MOTOR LENGTH TABULATED, -TT2 & -TT3 NOW SEE PG. 2. 14-FEB-23 JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO115SL-050
50
58.4-63.2
75
287.6 147.6
100
101.6
PRO115SL-100
100
109.2-114
125
337.6 172.6
100, 200
101.6
PRO115SL-150
150
160-164.8
175
387.6 197.6
100, 200
101.6
PRO115SL-200
200
210.8-215.6
225
437.6 222.6
100, 200, 300
101.6
PRO115SL-250
250
261.8-266.4
275
487.6 247.6
100, 200, 300
101.6, 355.6
PRO115SL-300
300
312.4-317.2
325
537.6 272.6
100, 200, 300, 400
101.6, 355.6
PRO115SL-400
400
414-418.8
425
637.6 322.6
100, 200, 300, 400, 500
101.6, 457.2
PRO115SL-500
500
515.6-519
525
737.6 372.6
100, 200, 300, 400, 500, 600
101.6, 457.2
PRO115SL-600
600
617.2-619
625
837.6 422.6 100, 200, 300, 400, 500, 600, 700 101.6, 457.2, 660.4
DIMENSION
OPTION
E
-M5, -M7
132.3
-M6, -M8
209.5
-M1, -M3
132.3
-M2, -M4
209.5
F
-FB1, -FB3
35.4
-FB2, -FB4
73.5
B. MIKLANCIE
MODEL BY:
MODEL FILENAME:
PRO115SL
D
PRO115SL
PART CODE:
PRO115SL
PRO115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
20-JUL-15
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
28-JUL-15
30-JUN-15
PLACE DRAWING VIEWS BELOW
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
101.6
ENGLISH MOUNTING
100
METRIC MOUNTING
MOTOR LENGTH
"E"
A
AIR PURGE FITTING
6 MM OR 1/4 IN OD TUBING
64.1
TOP OF BRAKE
60.9
TOP OF MOTOR
"A"
STAGE LENGTH
22.6
15
"B"
METRIC 12.7
ENGLISH 10.5
THRU 6.8
8
115
70
W/ OPTIONAL
TABLETOP
60 TOP
OF CARRIAGE
100
125
100
DETAIL A
CARRIAGE MOUNTING HOLES
6X M5X0.8
HELICOIL 5.8
4X M6X1.0
HELICOIL 7.0
191
FOLDBACK LENGTH
"F"
OPTIONAL FOLDBACK
-8 ORIENTATION SHOWN
137
115
75
100
25
50
20X M6x1
HELICOIL
7.0
OPTIONAL TABLETOP
METRIC (-TT1)
1.
NOTES:
1. -TT1 TABLETOP OPTION REQUIRED FOR LOWER AXIS
OF XY ASSEMBLIES WHEN FOLDBACK OPTION IS CHOSEN.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
-
-
UPDATED OPTION CODES, MOUNTING DIMS
REMOVED "PRELIMINARY" NOTE
08-DEC-15 BMIKLANCIE
17088
A
PRO SERIES UPDATE: PRO115SL-CAT REPLACES PRO115-CAT
31-JAN-16 BMIKLANCIE
17947
B
CLARIFIED FOLDBACK DIMENSION: NOW TO CABLE CLAMP
35.4 WAS 30.2, 73.5 WAS 68.3
19-DEC-16 BMIKLANCIE
ECO0001731
C
NOMINAL TRAVEL ROUNDED DOWN TO METRIC EQUIVALENT
30-MAY-19
JSTAHR
ECO0004809
D
RATIONALIZATION UPDATE: TRAVEL NOW -300, FOLDBACK BROKEN OUT,
FOLDBACK AND MOTOR LENGTH TABULATED, -TT2 & -TT3 NOW SEE PG. 2. 14-FEB-23 JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO115SL-050
50
58.4-63.2
75
287.6 147.6
100
101.6
PRO115SL-100
100
109.2-114
125
337.6 172.6
100, 200
101.6
PRO115SL-150
150
160-164.8
175
387.6 197.6
100, 200
101.6
PRO115SL-200
200
210.8-215.6
225
437.6 222.6
100, 200, 300
101.6
PRO115SL-250
250
261.8-266.4
275
487.6 247.6
100, 200, 300
101.6, 355.6
PRO115SL-300
300
312.4-317.2
325
537.6 272.6
100, 200, 300, 400
101.6, 355.6
PRO115SL-400
400
414-418.8
425
637.6 322.6
100, 200, 300, 400, 500
101.6, 457.2
PRO115SL-500
500
515.6-519
525
737.6 372.6
100, 200, 300, 400, 500, 600
101.6, 457.2
PRO115SL-600
600
617.2-619
625
837.6 422.6 100, 200, 300, 400, 500, 600, 700 101.6, 457.2, 660.4
DIMENSION
OPTION
E
-M5, -M7
132.3
-M6, -M8
209.5
-M1, -M3
132.3
-M2, -M4
209.5
F
-FB1, -FB3
35.4
-FB2, -FB4
73.5
B. MIKLANCIE
MODEL BY:
MODEL FILENAME:
PRO115SL
D
PRO115SL
PART CODE:
PRO115SL
PRO115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
20-JUL-15
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
28-JUL-15
30-JUN-15
PLACE DRAWING VIEWS BELOW
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
101.6
ENGLISH MOUNTING
100
METRIC MOUNTING
MOTOR LENGTH
"E"
A
AIR PURGE FITTING
6 MM OR 1/4 IN OD TUBING
64.1
TOP OF BRAKE
60.9
TOP OF MOTOR
"A"
STAGE LENGTH
22.6
15
"B"
METRIC 12.7
ENGLISH 10.5
THRU 6.8
8
115
70
W/ OPTIONAL
TABLETOP
60 TOP
OF CARRIAGE
100
125
100
DETAIL A
CARRIAGE MOUNTING HOLES
6X M5X0.8
HELICOIL 5.8
4X M6X1.0
HELICOIL 7.0
191
FOLDBACK LENGTH
"F"
OPTIONAL FOLDBACK
-8 ORIENTATION SHOWN
137
115
75
100
25
50
20X M6x1
HELICOIL
7.0
OPTIONAL TABLETOP
METRIC (-TT1)
1.
NOTES:
1. -TT1 TABLETOP OPTION REQUIRED FOR LOWER AXIS
OF XY ASSEMBLIES WHEN FOLDBACK OPTION IS CHOSEN.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
-
-
UPDATED OPTION CODES, MOUNTING DIMS
REMOVED "PRELIMINARY" NOTE
08-DEC-15 BMIKLANCIE
17088
A
PRO SERIES UPDATE: PRO115SL-CAT REPLACES PRO115-CAT
31-JAN-16 BMIKLANCIE
17947
B
CLARIFIED FOLDBACK DIMENSION: NOW TO CABLE CLAMP
35.4 WAS 30.2, 73.5 WAS 68.3
19-DEC-16 BMIKLANCIE
ECO0001731
C
NOMINAL TRAVEL ROUNDED DOWN TO METRIC EQUIVALENT
30-MAY-19
JSTAHR
ECO0004809
D
RATIONALIZATION UPDATE: TRAVEL NOW -300, FOLDBACK BROKEN OUT,
FOLDBACK AND MOTOR LENGTH TABULATED, -TT2 & -TT3 NOW SEE PG. 2. 14-FEB-23 JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO115SL-050
50
58.4-63.2
75
287.6 147.6
100
101.6
PRO115SL-100
100
109.2-114
125
337.6 172.6
100, 200
101.6
PRO115SL-150
150
160-164.8
175
387.6 197.6
100, 200
101.6
PRO115SL-200
200
210.8-215.6
225
437.6 222.6
100, 200, 300
101.6
PRO115SL-250
250
261.8-266.4
275
487.6 247.6
100, 200, 300
101.6, 355.6
PRO115SL-300
300
312.4-317.2
325
537.6 272.6
100, 200, 300, 400
101.6, 355.6
PRO115SL-400
400
414-418.8
425
637.6 322.6
100, 200, 300, 400, 500
101.6, 457.2
PRO115SL-500
500
515.6-519
525
737.6 372.6
100, 200, 300, 400, 500, 600
101.6, 457.2
PRO115SL-600
600
617.2-619
625
837.6 422.6 100, 200, 300, 400, 500, 600, 700 101.6, 457.2, 660.4
DIMENSION
OPTION
E
-M5, -M7
132.3
-M6, -M8
209.5
-M1, -M3
132.3
-M2, -M4
209.5
F
-FB1, -FB3
35.4
-FB2, -FB4
73.5
B. MIKLANCIE
MODEL BY:
MODEL FILENAME:
PRO115SL
D
PRO115SL
PART CODE:
PRO115SL
PRO115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
20-JUL-15
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
28-JUL-15
30-JUN-15
PLACE DRAWING VIEWS BELOW
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
101.6
ENGLISH MOUNTING
100
METRIC MOUNTING
MOTOR LENGTH
"E"
A
AIR PURGE FITTING
6 MM OR 1/4 IN OD TUBING
64.1
TOP OF BRAKE
60.9
TOP OF MOTOR
"A"
STAGE LENGTH
22.6
15
"B"
METRIC 12.7
ENGLISH 10.5
THRU 6.8
8
115
70
W/ OPTIONAL
TABLETOP
60 TOP
OF CARRIAGE
100
125
100
DETAIL A
CARRIAGE MOUNTING HOLES
6X M5X0.8
HELICOIL 5.8
4X M6X1.0
HELICOIL 7.0
191
FOLDBACK LENGTH
"F"
OPTIONAL FOLDBACK
-8 ORIENTATION SHOWN
137
115
75
100
25
50
20X M6x1
HELICOIL
7.0
OPTIONAL TABLETOP
METRIC (-TT1)
1.
NOTES:
1. -TT1 TABLETOP OPTION REQUIRED FOR LOWER AXIS
OF XY ASSEMBLIES WHEN FOLDBACK OPTION IS CHOSEN.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
-
-
UPDATED OPTION CODES, MOUNTING DIMS
REMOVED "PRELIMINARY" NOTE
08-DEC-15 BMIKLANCIE
17088
A
PRO SERIES UPDATE: PRO115SL-CAT REPLACES PRO115-CAT
31-JAN-16 BMIKLANCIE
17947
B
CLARIFIED FOLDBACK DIMENSION: NOW TO CABLE CLAMP
35.4 WAS 30.2, 73.5 WAS 68.3
19-DEC-16 BMIKLANCIE
ECO0001731
C
NOMINAL TRAVEL ROUNDED DOWN TO METRIC EQUIVALENT
30-MAY-19
JSTAHR
ECO0004809
D
RATIONALIZATION UPDATE: TRAVEL NOW -300, FOLDBACK BROKEN OUT,
FOLDBACK AND MOTOR LENGTH TABULATED, -TT2 & -TT3 NOW SEE PG. 2. 14-FEB-23 JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO115SL-050
50
58.4-63.2
75
287.6 147.6
100
101.6
PRO115SL-100
100
109.2-114
125
337.6 172.6
100, 200
101.6
PRO115SL-150
150
160-164.8
175
387.6 197.6
100, 200
101.6
PRO115SL-200
200
210.8-215.6
225
437.6 222.6
100, 200, 300
101.6
PRO115SL-250
250
261.8-266.4
275
487.6 247.6
100, 200, 300
101.6, 355.6
PRO115SL-300
300
312.4-317.2
325
537.6 272.6
100, 200, 300, 400
101.6, 355.6
PRO115SL-400
400
414-418.8
425
637.6 322.6
100, 200, 300, 400, 500
101.6, 457.2
PRO115SL-500
500
515.6-519
525
737.6 372.6
100, 200, 300, 400, 500, 600
101.6, 457.2
PRO115SL-600
600
617.2-619
625
837.6 422.6 100, 200, 300, 400, 500, 600, 700 101.6, 457.2, 660.4
DIMENSION
OPTION
E
-M5, -M7
132.3
-M6, -M8
209.5
-M1, -M3
132.3
-M2, -M4
209.5
F
-FB1, -FB3
35.4
-FB2, -FB4
73.5
B. MIKLANCIE
MODEL BY:
MODEL FILENAME:
PRO115SL
D
PRO115SL
PART CODE:
PRO115SL
PRO115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
20-JUL-15
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
28-JUL-15
30-JUN-15
PLACE DRAWING VIEWS BELOW
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
101.6
ENGLISH MOUNTING
100
METRIC MOUNTING
MOTOR LENGTH
"E"
A
AIR PURGE FITTING
6 MM OR 1/4 IN OD TUBING
64.1
TOP OF BRAKE
60.9
TOP OF MOTOR
"A"
STAGE LENGTH
22.6
15
"B"
METRIC 12.7
ENGLISH 10.5
THRU 6.8
8
115
70
W/ OPTIONAL
TABLETOP
60 TOP
OF CARRIAGE
100
125
100
DETAIL A
CARRIAGE MOUNTING HOLES
6X M5X0.8
HELICOIL 5.8
4X M6X1.0
HELICOIL 7.0
191
FOLDBACK LENGTH
"F"
OPTIONAL FOLDBACK
-8 ORIENTATION SHOWN
137
115
75
100
25
50
20X M6x1
HELICOIL
7.0
OPTIONAL TABLETOP
METRIC (-TT1)
1.
NOTES:
1. -TT1 TABLETOP OPTION REQUIRED FOR LOWER AXIS
OF XY ASSEMBLIES WHEN FOLDBACK OPTION IS CHOSEN.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
-
-
UPDATED OPTION CODES, MOUNTING DIMS
REMOVED "PRELIMINARY" NOTE
08-DEC-15 BMIKLANCIE
17088
A
PRO SERIES UPDATE: PRO115SL-CAT REPLACES PRO115-CAT
31-JAN-16 BMIKLANCIE
17947
B
CLARIFIED FOLDBACK DIMENSION: NOW TO CABLE CLAMP
35.4 WAS 30.2, 73.5 WAS 68.3
19-DEC-16 BMIKLANCIE
ECO0001731
C
NOMINAL TRAVEL ROUNDED DOWN TO METRIC EQUIVALENT
30-MAY-19
JSTAHR
ECO0004809
D
RATIONALIZATION UPDATE: TRAVEL NOW -300, FOLDBACK BROKEN OUT,
FOLDBACK AND MOTOR LENGTH TABULATED, -TT2 & -TT3 NOW SEE PG. 2. 14-FEB-23 JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO115SL-050
50
58.4-63.2
75
287.6 147.6
100
101.6
PRO115SL-100
100
109.2-114
125
337.6 172.6
100, 200
101.6
PRO115SL-150
150
160-164.8
175
387.6 197.6
100, 200
101.6
PRO115SL-200
200
210.8-215.6
225
437.6 222.6
100, 200, 300
101.6
PRO115SL-250
250
261.8-266.4
275
487.6 247.6
100, 200, 300
101.6, 355.6
PRO115SL-300
300
312.4-317.2
325
537.6 272.6
100, 200, 300, 400
101.6, 355.6
PRO115SL-400
400
414-418.8
425
637.6 322.6
100, 200, 300, 400, 500
101.6, 457.2
PRO115SL-500
500
515.6-519
525
737.6 372.6
100, 200, 300, 400, 500, 600
101.6, 457.2
PRO115SL-600
600
617.2-619
625
837.6 422.6 100, 200, 300, 400, 500, 600, 700 101.6, 457.2, 660.4
DIMENSION
OPTION
E
-M5, -M7
132.3
-M6, -M8
209.5
-M1, -M3
132.3
-M2, -M4
209.5
F
-FB1, -FB3
35.4
-FB2, -FB4
73.5
B. MIKLANCIE
MODEL BY:
MODEL FILENAME:
PRO115SL
D
PRO115SL
PART CODE:
PRO115SL
PRO115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
20-JUL-15
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
28-JUL-15
30-JUN-15
PLACE DRAWING VIEWS BELOW
MOUNTING SPACING
"C" METRIC
"D" ENGLISH
101.6
ENGLISH MOUNTING
100
METRIC MOUNTING
MOTOR LENGTH
"E"
A
AIR PURGE FITTING
6 MM OR 1/4 IN OD TUBING
64.1
TOP OF BRAKE
60.9
TOP OF MOTOR
"A"
STAGE LENGTH
22.6
15
"B"
METRIC 12.7
ENGLISH 10.5
THRU 6.8
8
115
70
W/ OPTIONAL
TABLETOP
60 TOP
OF CARRIAGE
100
125
100
DETAIL A
CARRIAGE MOUNTING HOLES
6X M5X0.8
HELICOIL 5.8
4X M6X1.0
HELICOIL 7.0
191
FOLDBACK LENGTH
"F"
OPTIONAL FOLDBACK
-8 ORIENTATION SHOWN
137
115
75
100
25
50
20X M6x1
HELICOIL
7.0
OPTIONAL TABLETOP
METRIC (-TT1)
1.
NOTES:
1. -TT1 TABLETOP OPTION REQUIRED FOR LOWER AXIS
OF XY ASSEMBLIES WHEN FOLDBACK OPTION IS CHOSEN.
2. DIMENSIONS: MILLIMETERS.
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
-
-
UPDATED OPTION CODES, MOUNTING DIMS
REMOVED "PRELIMINARY" NOTE
08-DEC-15 BMIKLANCIE
17088
A
PRO SERIES UPDATE: PRO115SL-CAT REPLACES PRO115-CAT
31-JAN-16 BMIKLANCIE
17947
B
CLARIFIED FOLDBACK DIMENSION: NOW TO CABLE CLAMP
35.4 WAS 30.2, 73.5 WAS 68.3
19-DEC-16 BMIKLANCIE
ECO0001731
C
NOMINAL TRAVEL ROUNDED DOWN TO METRIC EQUIVALENT
30-MAY-19
JSTAHR
ECO0004809
D
RATIONALIZATION UPDATE: TRAVEL NOW -300, FOLDBACK BROKEN OUT,
FOLDBACK AND MOTOR LENGTH TABULATED, -TT2 & -TT3 NOW SEE PG. 2. 14-FEB-23 JMAGLOSKY
BASIC MODEL NOMINAL
TRAVEL
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
PRO115SL-050
50
58.4-63.2
75
287.6 147.6
100
101.6
PRO115SL-100
100
109.2-114
125
337.6 172.6
100, 200
101.6
PRO115SL-150
150
160-164.8
175
387.6 197.6
100, 200
101.6
PRO115SL-200
200
210.8-215.6
225
437.6 222.6
100, 200, 300
101.6
PRO115SL-250
250
261.8-266.4
275
487.6 247.6
100, 200, 300
101.6, 355.6
PRO115SL-300
300
312.4-317.2
325
537.6 272.6
100, 200, 300, 400
101.6, 355.6
PRO115SL-400
400
414-418.8
425
637.6 322.6
100, 200, 300, 400, 500
101.6, 457.2
PRO115SL-500
500
515.6-519
525
737.6 372.6
100, 200, 300, 400, 500, 600
101.6, 457.2
PRO115SL-600
600
617.2-619
625
837.6 422.6 100, 200, 300, 400, 500, 600, 700 101.6, 457.2, 660.4
DIMENSION
OPTION
E
-M5, -M7
132.3
-M6, -M8
209.5
-M1, -M3
132.3
-M2, -M4
209.5
F
-FB1, -FB3
35.4
-FB2, -FB4
73.5
B. MIKLANCIE
MODEL BY:
MODEL FILENAME:
PRO115SL
D
PRO115SL
PART CODE:
PRO115SL
PRO115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 2
20-JUL-15
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
28-JUL-15
30-JUN-15
PLACE DRAWING VIEWS BELOW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com