Electronic Components Datasheet Search
  English  ▼

X  

K3000-PC Datasheet(PDF) 2 Page - Kroy LLC

Part # K3000-PC
Description  Industrial Labeling ~ K3000-PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KROY [Kroy LLC]
Direct Link  https://www.kroy.com/
Logo KROY - Kroy LLC

K3000-PC Datasheet(HTML) 2 Page - Kroy LLC

  K3000-PC Datasheet HTML 1Page - Kroy LLC K3000-PC Datasheet HTML 2Page - Kroy LLC K3000-PC Datasheet HTML 3Page - Kroy LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
q
300 dots per inch (12 dots per mm)
q
Maximum print width: .97" (24.7mm)
q
Maximum label width: 1" (25.4mm)
q
Maximum label length: 20" (508mm)
K3000-PC Series Media Specifications:
q
Tape supply widths: .5", .8", 1"
q
Tape supply length: 40 feet (12.2m)
q
Shrink Tube supply length: 110" (2.8m)
q
Media type: general-purpose (laminated and non-laminated thermal-transfer supply),
industrial (UV and chemical resistant supply), die-cut labels (synthetic and polyester),
polyolefin shrink tubing, reloadable direct-thermal tape supply, direct-thermal tape supply
and tamper-evident supply.
q
10 tape supply colors and 5 ribbon colors
q
All supplies are housed in a self-contained cartridge for rapid supply change
K3000-PC Series Physical Specifications:
q
Printer module: 6.0" L x 3.75" W x 4" H
K3000-PC Series Electrical Specifications:
q
Available with AC adapter.
q
AC adapter version: Output: 14VDC, 1.6A - UL Listed, CSA Certified, TUV "GS" Approval, CE
Recognized
q
Meets VDE-B and FCC Part 15 class B RFI limits
q
9600-115,200 baud, no parity, 8 bits, XON-XOFF protocol
K3000-PC Series Environmental Specifications:
q
Operating temperature: 45 F to 105 F (7 C to 40 C)
q
Supply cartridge storage temperature: - 60 F to 105 F (15 C to 40 C) shelf life is reduced at
higher temperatures - damage may occur at temperatures as high as 120 F (50 C)
q
Operating /storage humidity limit: 90% RH non-condensing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com