Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 1 Page - Howard Butler Ltd

Part # 153
Description  15 SERIES MOULDED CASE CURRENT TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd

153 Datasheet(HTML) 1 Page - Howard Butler Ltd

  153 Datasheet HTML 1Page - Howard Butler Ltd 153 Datasheet HTML 2Page - Howard Butler Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
Two small moulded case current transformers
suitable for primary currents from 1A to 500A
using cable or bar primaries
APPLICATION
For use where space is limited within the panel,
and where a built in choice of fixing methods is
required.
15 SERIES MOULDED CASE
CURRENT TRANSFORMERS
FEATURES
• Three built in fixing methods
- Base, Din Rail & Busbar mounting
• Built in hinged terminal cover
• Terminals suitable for screw or push on
connectors
• Small size enables mounting where busbars
run close together
• Case moulded in high impact polyester
• Secondary terminals with double layout
• Primary ranges from 1A to 500A
TECHNICAL OVERVIEW
• Conforms to IEC 44-1 / IEC 185, BS 7626
• Insulation level 0.72/3kV
• Ambient temperature range -20º to 70ºc
• Self extinguishing to UL94VO
• Enclosure to IP20
• CE approved
• Manufactured to ISO 9002
DIN rail mounting
Base mounting
Hinged terminal cover
Busbar mounting
11840


Similar Part No. - 153

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
153 RENESAS-153 Datasheet
945Kb / 149P
RENESAS MCU
logo
List of Unclassifed Man...
153 ETC2-153 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
France Joint
153 FRANCEJOINT-153 Datasheet
367Kb / 6P
ROD SEALS
logo
Adafruit Industries
153 ADAFRUIT-153 Datasheet
273Kb / 1P
Breadboarding wire bundle
6-27-17
logo
Walther-Werke
153 WALTHER-153 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 153

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-AP851 OHMITE-ACL-AP851 Datasheet
707Kb / 2P
Moulded case for proctection and easy to mount
logo
Myrra
74500 MYRRA-74500 Datasheet
84Kb / 1P
CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
CURRENT TRANSFORMERS
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
logo
Schneider Electric
GT1330 SCHNEIDER-GT1330 Datasheet
62Kb / 2P
MOULDED CASE CIRCUIT BREAKER GROUND FAULT SENSOR
Apr 19, 2021
S29433 SCHNEIDER-S29433 Datasheet
161Kb / 2P
H-FRAME 120VAC MOULDED CASE CIRCUIT BREAKER MOTOR OPERATOR
Apr 19, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com