Electronic Components Datasheet Search
  English  ▼

X  

TS3USB30 Datasheet(PDF) 15 Page - Texas Instruments

Part # TS3USB30
Description  TS3USB30 High-Speed USB 2.0 (480-MBPS) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS3USB30 Datasheet HTML 11Page - Texas Instruments TS3USB30 Datasheet HTML 12Page - Texas Instruments TS3USB30 Datasheet HTML 13Page - Texas Instruments TS3USB30 Datasheet HTML 14Page - Texas Instruments TS3USB30 Datasheet HTML 15Page - Texas Instruments TS3USB30 Datasheet HTML 16Page - Texas Instruments TS3USB30 Datasheet HTML 17Page - Texas Instruments TS3USB30 Datasheet HTML 18Page - Texas Instruments TS3USB30 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TS3USB30
www.ti.com
SCDS237F – AUGUST 2007 – REVISED AUGUST 2015
10 Power Supply Recommendations
Power to the device is supplied through the VCC pin and should follow the USB 1.0, 1.1, and 2.0 standards. TI
recommends placing a bypass capacitor as close as possible to the supply pin VCC to help smooth out lower
frequency noise to provide better load regulation across the frequency spectrum.
11 Layout
11.1 Layout Guidelines
Place supply bypass capacitors as close to VCC pin as possible and avoid placing the bypass caps near the D+
and D– traces.
The high speed D+ and D– traces should always be matched lengths and must be no more than 4 inches;
otherwise, the eye diagram performance may be degraded. A high-speed USB connection is made through a
shielded, twisted pair cable with a differential characteristic impedance. In layout, the impedance of D+ and D–
traces should match the cable characteristic differential impedance for optimal performance.
Route the high-speed USB signals using a minimum of vias and corners which will reduce signal reflections and
impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the signal’s transmission line and increases the chance of
picking up interference from the other layers of the board. Be careful when designing test points on twisted pair
lines; through-hole pins are not recommended.
When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This
reduces reflections on the signal traces by minimizing impedance discontinuities.
Do not route USB traces under or near crystals, oscillators, clock signal generators, switching regulators,
mounting holes, magnetic devices or ICs that use or duplicate clock signals.
Avoid stubs on the high-speed USB signals because they cause signal reflections. If a stub is unavoidable, then
the stub should be less than 200 mm.
Route all high-speed USB signal traces over continuous planes (VCC or GND), with no interruptions.
Avoid crossing over anti-etch, commonly found with plane splits.
Due to high frequencies associated with the USB, a printed circuit board with at least four layers is
recommended: two signal layers separated by a ground and power layer. The majority of signal traces should run
on a single layer, preferably Signal 1. Immediately next to this layer should be the GND plane, which is solid with
no cuts. Avoid running signal traces across a split in the ground or power plane. When running across split
planes is unavoidable, sufficient decoupling must be used. Minimize the number of signal vias reduces EMI by
reducing inductance at high frequencies. For more information on layout guidelines, see High Speed Layout
Guidelines (SCAA082) and USB 2.0 Board Design and Layout Guidelines (SPRAAR7).
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TS3USB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com