Electronic Components Datasheet Search
  English  ▼

X  

TS3USB3031 Datasheet(PDF) 10 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3USB3031 Datasheet HTML 6Page - Texas Instruments TS3USB3031 Datasheet HTML 7Page - Texas Instruments TS3USB3031 Datasheet HTML 8Page - Texas Instruments TS3USB3031 Datasheet HTML 9Page - Texas Instruments TS3USB3031 Datasheet HTML 10Page - Texas Instruments TS3USB3031 Datasheet HTML 11Page - Texas Instruments TS3USB3031 Datasheet HTML 12Page - Texas Instruments TS3USB3031 Datasheet HTML 13Page - Texas Instruments TS3USB3031 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
6 Detailed Description
6.1 Overview
The TS3USB3031 device is a 2-channel, 1:3 multiplexer that includes a high-speed Mobile High-Definition Link
(MHL) or Mobility Display Port (MyDP) switch and USB 2.0 High-Speed (480 Mbps) switches in the same
package. This device is used in many high-speed differential 1:3 mux applications.
6.2 Functional Block Diagram
D+
MHL+
USB1+
Control
Logic
SEL0
SEL1
TS3USB3031
USB2+
D-
MHL-
USB1-
USB2-
Copyright © 2016, Texas Instruments Incorporated
6.3 Feature Description
6.3.1 IOFF Protection
IOFF protection prevents current leakage through the device when Vcc = 0 V This allows signals to be present on
the D± and USB/MHL± pins before the device is powered up without damaging the device or system.
6.3.2 1.8-V Compatible Logic
The TS3USB3031 device supports 1.8-V logic irrespective to the supply voltage applied to the IC.
6.3.3 Overvoltage Tolerant (OVT)
The D± and USB/MHL± pins of the device can support signals up to 5.5 V without damaging the device. This
protects the TS3USB3031 in case the VBUS pin of the USB connector is shorted to the signal path without
additional components added.
6.4 Device Functional Modes
Table 6-1 lists the functional modes of the TS3USB3031.
Table 6-1. Function Table
SEL1
SEL0
SWITCH STATUS
Low
Low
D+/D– connected to USB1+/USB1–
Low
High
D+/D– connected to USB2+/USB2–
High
Low
D+/D– connected to MHL+/MHL–
High
High
USB and MHL switches in High-Z
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com