Electronic Components Datasheet Search
  English  ▼

X  

TS3V712ERTGR Datasheet(PDF) 7 Page - Texas Instruments

Part # TS3V712ERTGR
Description  7-CHANNEL VIDEO SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3V712ERTGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3V712ERTGR Datasheet HTML 3Page - Texas Instruments TS3V712ERTGR Datasheet HTML 4Page - Texas Instruments TS3V712ERTGR Datasheet HTML 5Page - Texas Instruments TS3V712ERTGR Datasheet HTML 6Page - Texas Instruments TS3V712ERTGR Datasheet HTML 7Page - Texas Instruments TS3V712ERTGR Datasheet HTML 8Page - Texas Instruments TS3V712ERTGR Datasheet HTML 9Page - Texas Instruments TS3V712ERTGR Datasheet HTML 10Page - Texas Instruments TS3V712ERTGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CL
(see Note A)
TEST CIRCUIT
S1
2 × VDD
Open
GND
RL
RL
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low
, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
50 Ω
VG1
VDD
DUT
50 Ω
VIN
50 Ω
VG2
50 Ω
VI
TEST
RL
S1
V∆
CL
VDD
Vin
tPLZ/tPZL
3.3 V
2 × VDD
200 Ω
GND
10 pF
0.3 V
Input Generator
Input Generator
VO
tPHZ/tPZH
3.3 V
GND
200 Ω
VDD
10 pF
0.3 V
tPZL
VOH − 0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
VDD/2
VDD/2
Output Control
(VIN)
1.25 V
2.5 V
VOH
VOL + 0.3 V
VOH
VOL
0 V
1.25 V
tPZH
tPLZ
tPHZ
Output
Waveform 2
S1 at GND
(see Note B)
Output
Waveform 1
S1 at 2 x VDD
(see Note B)
VOL
VO
VI
VO
TS3V712E
www.ti.com
SCDS292A – JANUARY 2010 – REVISED JULY 2010
PARAMETER MEASUREMENT INFORMATION
Figure 5. Test Circuit and Voltage Waveforms
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3V712E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com