Electronic Components Datasheet Search
  English  ▼

X  

MLPS-B Datasheet(PDF) 1 Page - Bivar, Inc.

Part # MLPS-B
Description  MODULAR LIGHT PIPE SYSTEM, BEZEL, PLP5-2-XXXX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

MLPS-B Datasheet(HTML) 1 Page - Bivar, Inc.

  MLPS-B Datasheet HTML 1Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.050IN 1.3mm
A
N/A
CUSTOMER USE DRAWING
32559
07/19/2023
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
TITLE:
CAGE CODE:
SCALE:
(UNLESS OTHERWISE SPECIFIED)
DECIMALS
STANDARD TOLERANCE
.X
± .1
.XX
± .01
.XXX
± .005
X°
± 1°
REVISED:
DATE:
CHECKED:
DATE:
DRAWING NO:
A
REVISION:
SHEET #
OF
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING
1
MICHAEL P.
ANGULAR
SYSTEM, BEZEL, PLP5-2-XXXX
MLPS-B-5-HHJJ-KK-T-PLP5-2-XXXX_A
A.VALDEZ
DESIGNED:
DATE:
1
MODULAR LIGHT PIPE
SIZE
SHEET
07/19/2023
3.9mm
.152IN
LENGTH
.197IN 5.0mm
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A ENGINEERING RELEASE
07/19/23
A.V.
NOTES:
BEZEL MATERIAL IS NYLON 6/6, UL94 V-0
1.
DOUBLE-SIDED ADHESIVE TAPE MATERIAL IS KRAFT PAPER WITH 3M 9482.
2.
LIGHT PIPE IS CLEAR POLYCARBONATE, UL94 V-0.
3.
PLP5-2-XXXX LIGHT PIPES ARE PACKAGED AND SHIPPED UNASSEMBLED.
4.
BEZEL MOUNT
PITCH (ROW-COLUMN)
NO OF COLUMNS
NO. OF ROWS
P/N: MLPS - B - 5 - HHJJ - KK - T - PLP5-2-XXXX
PART NO. EXAMPLE:
MLPS-B-5-0205-DD-2-PLP5-2-375
2 ROWS, 5 COLUMNS
.300 X .300 PITCH (ROW-COLUMN)
2 BEZEL MOUNTS
PLP5-2-375 LIGHT PIPE
BEZEL
MOUNT
" T "
2
4
6
8
10
12
14
PITCH (ROW - COLUMN)
" KK "
PITCH
ROW
" K _"
COLUMN
" _ K "
0.000 IN
0
0
0.300 IN
D
D
ARRAY
CONFIGURATION
ROWS
" HH "
COLUMNS
" JJ"
01
01
02
02
03
03
04
04
05
05
06
06
07
07
08
08
09
09
10
10
11
11
12
12
13
14
LIGHT PIPE
LENGTH
LENGTH
CODE
" XXXX"
.250 IN
250
.350 IN
350
.375 IN
375
.500 IN
500
.625 IN
625
.750 IN
750
1.000 IN
1000
1.250 IN
1250
1.500 IN
1500
LIGHT PIPE LENGTH
PLP5-2-XXXX
PLP5-2-XXXX
LIGHT PIPES
ALIGNMENT PLUGS
(TO PLUGS)
3.2mm
.127IN
.093IN 2.4mm
TYP.
REF. ONLY
COLUMNS
ROWS
ADHESIVE TAPES
MLPS BEZEL
7.6mm
.300IN
TYP.
.300IN 7.6mm
TYP.


Similar Part No. - MLPS-B

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
MLPS-B-1-0101-00-2-PLPC1 BIVAR-MLPS-B-1-0101-00-2-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
MLPS-B-1-0101-00-4-PLPC1 BIVAR-MLPS-B-1-0101-00-4-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
MLPS-B-1-0101-00-6-PLPC1 BIVAR-MLPS-B-1-0101-00-6-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
MLPS-B-1-0101-00-8-PLPC1 BIVAR-MLPS-B-1-0101-00-8-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
MLPS-B-1-0101-0A-2-PLPC1 BIVAR-MLPS-B-1-0101-0A-2-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
More results

Similar Description - MLPS-B

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1071 DIALIGHT-515-1071 Datasheet
15Kb / 1P
Optical Light Pipe, 2 Array
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
LIGHT PIPE
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
LIGHT PIPE
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
vertical light pipe
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
LIGHT PIPE
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
LIGHT PIPE
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
CUSTOM LIGHT PIPE
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
CUSTOM LIGHT PIPE
LPF-S0112525S-17 LUMEX-LPF-S0112525S-17 Datasheet
89Kb / 1P
CUSTOM LIGHT PIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com