Electronic Components Datasheet Search
  English  ▼

X  

TSC2003IPW Datasheet(PDF) 9 Page - Texas Instruments

Part # TSC2003IPW
Description  I2C TOUCH SCREEN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2003IPW Datasheet HTML 5Page - Texas Instruments TSC2003IPW Datasheet HTML 6Page - Texas Instruments TSC2003IPW Datasheet HTML 7Page - Texas Instruments TSC2003IPW Datasheet HTML 8Page - Texas Instruments TSC2003IPW Datasheet HTML 9Page - Texas Instruments TSC2003IPW Datasheet HTML 10Page - Texas Instruments TSC2003IPW Datasheet HTML 11Page - Texas Instruments TSC2003IPW Datasheet HTML 12Page - Texas Instruments TSC2003IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TSC2003
9
SBAS162G
www.ti.com
TYPICAL CHARACTERISTICS: +2.7V (Cont.)
At TA = +25°C, +VDD = +2.7V, VREF = External +2.5V, I2C bus frequency = 3.4MHz, PD1 = PD0 =0, unless otherwise noted.
850
800
750
700
650
600
550
500
450
Temperature (
°C)
TEMP DIODE VOLTAGE vs TEMPERATURE
TEMP1
TEMP0
TEMP0 DIODE VOLTAGE vs V
DD (25°C)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
614
613
612
611
610
TEMP1 DIODE VOLTAGE vs V
DD (25°C)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
738
736
734
732
730
728
726
724
722
720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com