Electronic Components Datasheet Search
  English  ▼

X  

671 Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # 671
Description  5.0 x 3.2mm Low Current SMD Oscillators - Type 671
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

671 Datasheet(HTML) 1 Page - AEL Crystals Ltd

  671 Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pb-Free & RoHS Compliant
Model Designator Key & Specifications
Electrical Characteristics (Ta = -20
oC to +70oC, V
DD = 3.3V, 2.8V,& 1.8V, CL = 15pF, VCONT = 1.65V, 1.4V & 0.9V)
671-33
671-25
3.5mA Max.
4.5mA Max.
4.5mA Max.
6.0mA Max.
@
50% VDD
(VOL)
"0" Level
(VOH)
"1" Level
Rise Time
(TR)
10% to 90% VDD
Fall Time
(TF)
90% to 10% VDD
Stand-By Current
at "0"-Level
Cmos
0V to VDD
Dimensions (mm)
-55
oC to +125oC
5.0 x 3.2mm Low Current SMD Oscillators - Type 671
Base Model
671
(5x3.2mm & Tristate)
Input Voltage
33 = 3.3V
28 = 2.8V
25 = 2.5V
Operating Temp. Range
12nS Max.
12nS Max.
Load
15pF
Start-Up Time
1.80 ~ 50.00
5mS Max.
1µA Max.
Symmetry
Output Voltage
90% VDD Min
45/55%
4.0mA Max.
5.0mA Max.
15pF Load
10% VDD Max.
1.800 to 32.000
30.001 to 52.000
Parameter
Condition
Frequency Range
(MHz)
Input Current (IDD)
Specifications
671-28
Freq Stability
Operating Conditions
S = -10
oC to +70oC
I = -40
oC to +85oC
A = ±25PPM
B = ±50PPM
C = ±100PPM
Storage Temp Range
1


Similar Part No. - 671

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671 MARL-671 Datasheet
374Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
671-062-00-50 MARL-671-062-00-50 Datasheet
215Kb / 2P
PANEL INDICATOR LED
671-062-00-51 MARL-671-062-00-51 Datasheet
215Kb / 2P
PANEL INDICATOR LED
671-062-23 MARL-671-062-23 Datasheet
215Kb / 2P
PANEL INDICATOR LED
671-062-75 MARL-671-062-75 Datasheet
215Kb / 2P
PANEL INDICATOR LED
More results

Similar Description - 671

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL371 AEL-AEL371 Datasheet
34Kb / 1P
3.2x2.5mm Low Current SMD Oscillators - Type 371
AEL471 AEL-AEL471 Datasheet
77Kb / 1P
7.5x5.0mm Low Current SMD Oscillators - Type 471
AEL671 AEL-AEL671 Datasheet
118Kb / 2P
5.0 x 3.2mm Low Current SMD Oscillators - Type 671
logo
EUROQUARTZ limited
EQ5032 EUROQUARTZ-EQ5032 Datasheet
92Kb / 1P
5.0 x 3.2mm SMD TCXO
logo
Advanced Crystal Techno...
533-SMX-2 ACT-533-SMX-2 Datasheet
235Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
XO-0080-VWCOMOS-TYPE TAITIEN-XO-0080-VWCOMOS-TYPE Datasheet
298Kb / 1P
5.0 x 3.2mm SMD Voltage Controlled Crystal Oscillator
logo
Transko Electronics, In...
TV53A TRANSKO-TV53A Datasheet
606Kb / 2P
MINIATURE CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: Nov. 2015
logo
Xtaltq Technologies Co....
BS0503C XTALTQ-BS0503C Datasheet
314Kb / 2P
SMD Package (5.0×3.2mm)
April 10,2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com