Electronic Components Datasheet Search
  English  ▼

X  

TSD03 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSD03
Description  TSDxx Unidirectional TVS Diodes in SOD-323
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD03 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSD03 Datasheet HTML 5Page - Texas Instruments TSD03 Datasheet HTML 6Page - Texas Instruments TSD03 Datasheet HTML 7Page - Texas Instruments TSD03 Datasheet HTML 8Page - Texas Instruments TSD03 Datasheet HTML 9Page - Texas Instruments TSD03 Datasheet HTML 10Page - Texas Instruments TSD03 Datasheet HTML 11Page - Texas Instruments TSD03 Datasheet HTML 12Page - Texas Instruments TSD03 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
5.13 Typical Characteristics
Voltage (V)
0
1
2
3
4
5
6
7
8
9
-4
0
4
8
12
16
20
24
28
32
Figure 5-1. Positive TLP Curve - TSD03
Figure 5-2. Positive TLP Curve - TSD05
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
Figure 5-3. Negative TLP Curve - TSD05
Figure 5-4. Positive TLP Curve - TSD12
Voltage (V)
0
4
8
12
16
20
24
28
-4
0
4
8
12
16
20
24
28
32
Figure 5-5. Positive TLP Curve - TSD15
Voltage (V)
0
4
8
12
16
20
24
28
-4
0
4
8
12
16
20
24
28
32
Figure 5-6. Positive TLP Curve - TSD18
www.ti.com
TSD03, TSD05, TSD12, TSD15, TSD18, TSD24, TSD36
SLVSH43C – JULY 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TSD03 TSD05 TSD12 TSD15 TSD18 TSD24 TSD36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com