Electronic Components Datasheet Search
  English  ▼

X  

TSD05 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSD05
Description  TSDxx Unidirectional TVS Diodes in SOD-323
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD05 Datasheet(HTML) 4 Page - Texas Instruments

  TSD05 Datasheet HTML 1Page - Texas Instruments TSD05 Datasheet HTML 2Page - Texas Instruments TSD05 Datasheet HTML 3Page - Texas Instruments TSD05 Datasheet HTML 4Page - Texas Instruments TSD05 Datasheet HTML 5Page - Texas Instruments TSD05 Datasheet HTML 6Page - Texas Instruments TSD05 Datasheet HTML 7Page - Texas Instruments TSD05 Datasheet HTML 8Page - Texas Instruments TSD05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
Parameter
DEVICE
MIN
MAX
UNIT
PPP
IEC 61000-4-5 power (tp – 8/20µs) at 25°C
TSD03
170
W
TSD05
529
W
TSD12
300
W
TSD15
300
W
TSD18
300
W
TSD24
250
W
TSD36
300
W
IPP
IEC 61000-4-5 current (tp – 8/20µs) at 25°C
TSD03
25
A
TSD05
60
A
TSD12
18
A
TSD15
15
A
TSD18
15
A
TSD24
9
A
TSD36
7
A
TA
Ambient Operating Temperature
-55
150
°C
Tstg
Storage Temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
5.2 ESD Ratings - JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2500
V
Charged device model (CDM), per JEDEC specification
JS-002 (2)
±1000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufactuuring with a standard ESD control proccess
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufactuuring with a standard ESD control proccess.
5.3 ESD Ratings - IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
±30000
V
IEC 61000-4-2 air-gap discharge
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
-55
150
°C
TSD03, TSD05, TSD12, TSD15, TSD18, TSD24, TSD36
SLVSH43C – JULY 2023 – REVISED MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TSD03 TSD05 TSD12 TSD15 TSD18 TSD24 TSD36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com