Electronic Components Datasheet Search
  English  ▼

X  

TUSB1002A Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB1002A
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002A Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1002A Datasheet HTML 1Page - Texas Instruments TUSB1002A Datasheet HTML 2Page - Texas Instruments TUSB1002A Datasheet HTML 3Page - Texas Instruments TUSB1002A Datasheet HTML 4Page - Texas Instruments TUSB1002A Datasheet HTML 5Page - Texas Instruments TUSB1002A Datasheet HTML 6Page - Texas Instruments TUSB1002A Datasheet HTML 7Page - Texas Instruments TUSB1002A Datasheet HTML 8Page - Texas Instruments TUSB1002A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
1 Features
• Supports USB3.2 x1 SuperSpeed (5Gbps) and
SuperSpeedPlus (10Gbps)
• Supports PCI express Gen3, SATA express, and
SATA Gen3
• Ultra low-power architecture:
– Disconnect U2, U3: < 1.9mW
– Shutdown: < 700µW
• Adjustable voltage output swing linear range up to
1200mVpp
• No host or device side requirement
• 16 settings for up to 16dB at 10Gbps of linear
equalization
• Adjustable DC equalization gain
• Hot-plug capable
• Pin-to-pin compatible with LVPE502A and
LVPE512 USB 3.0 redriver
• Pin-to-pin compatible with TUSB1002 redriver
• Temperature range: 0°C to 70°C (commercial) and
–40°C to 85°C (industrial)
• ±5kV HBM ESD
• Available in single 3.3V supply.
• Available in 4mm × 4mm VQFN
2 Applications
• Notebook and desktop PC
• TVs
• Tablets
• Cell phones
• Active cable
• Docking stations
3 Description
The TUSB1002A is the industry’s first dual-channel
USB 3.2 x1 SuperSpeedPlus (SSP) redriver and
signal conditioner. The device offers low power
consumption on a 3.3V supply with its ultra-low-
power architecture. The device supports the USB3.2
low power modes which further reduces idle power
consumption.
The TUSB1002A implements a linear equalizer,
supporting up to 16dB of loss due to inter-symbol
interference (ISI). When USB signals travel across a
PCB or cable, signal integrity degrades due to loss
and inter-symbol interference. The linear equalizer
compensates for the channel loss, and thereby,
extends the channel length and enables systems to
pass USB compliance. The dual lane implementation
and small package size provides flexibility in the
placement of the TUSB1002A in the USB3.2 path.
The TUSB1002A is available in either a 24-pin 4mm ×
4mm VQFN. It is also available in a commercial grade
(TUSB1002A) or industrial grade (TUSB1002AI).
Device Information
PART
NUMBER(1)
TEMPERATURE
PACKAGE
PACKAGE
SIZE(2)
TUSB1002A
TA = 0°C to 70°C
RGE (VQFN, 24) 4mm × 4mm
TUSB1002AI
TA = –40°C to
85°C
(1)
For all available packages, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
USB 3.1
Host
RXP1
TUSB1002A
RXN1
+
-
TXP2
TXN2
+
-
+
-
TXP1
TXN1
+
-
+
-
RXP2
RXN2
+
-
Simplified Schematic
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1002A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002AI TI1-TUSB1002AI Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002AIRGER TI1-TUSB1002AIRGER Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002AIRGET TI1-TUSB1002AIRGET Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002ARGER TI1-TUSB1002ARGER Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
More results

Similar Description - TUSB1002A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
logo
ON Semiconductor
NB7NPQ7022M ONSEMI-NB7NPQ7022M Datasheet
135Kb / 9P
3.3V USB 3.1 Dual Channel High Gain Linear Redriver
July, 2018 ??Rev. 0
NB7NPQ7021M ONSEMI-NB7NPQ7021M Datasheet
109Kb / 9P
3.3V USB 3.1 Dual Channel Linear Redriver
December, 2017 ??Rev. 1
NB7NPQ7041M ONSEMI-NB7NPQ7041M Datasheet
105Kb / 9P
3.3V USB 3.1 Quad Channel / Dual Port Linear Redriver
January, 2018 ??Rev. 1
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
PI3EQX1004 DIODES-PI3EQX1004 Datasheet
1Mb / 1P
2-Port USB3.1 Gen-2 10Gbps ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com