Electronic Components Datasheet Search
  English  ▼

X  

79586 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79586
Description  Spring-Loaded Handles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79586 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79586 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spring-Loaded Handles
Pull Handles
Order No.
Finish
Length available
Ø d
1
Ø d
2
h
1
h
2
h
3
l
1
l
2
l
3
Weight
g
79586.W0004
Zinc plated steel
100mm
8
5.2
54
30
36.5
103
82.5
57
120
79586
0333 207 4497
sales@wixroyd.com
1
Material
Steel, zinc plated.


Similar Part No. - 79586

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
7958 FESTO-7958 Datasheet
109Kb / 2P
Air solenoid valve
logo
Wixroyd Group Ltd
79580 WIXROYD-79580 Datasheet
202Kb / 1P
Pull Handles, Collapsible
79582 WIXROYD-79582 Datasheet
205Kb / 1P
Hinged Carrying Handle
79583 WIXROYD-79583 Datasheet
207Kb / 1P
Cold Forming Handles
79584 WIXROYD-79584 Datasheet
226Kb / 1P
Trunk Handles
More results

Similar Description - 79586

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
829 MILL-MAX-829 Datasheet
140Kb / 1P
SPRING-LOADED CONNECTORS
logo
Winchester Electronics ...
10276 WINCHESTER-10276 Datasheet
60Kb / 1P
SPRING LOADED CONTACT
logo
Mill-Max Mfg. Corp.
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Glenair, Inc.
667-282 GLENAIR-667-282 Datasheet
200Kb / 1P
Spring-Loaded Cover
logo
Mill-Max Mfg. Corp.
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
Spring-Loaded Insulated Spring Pin Spring-Loaded Header
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com