Electronic Components Datasheet Search
  English  ▼

X  

79600 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79600
Description  Panel Handles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79600 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79600 Datasheet HTML 1Page - Wixroyd Group Ltd 79600 Datasheet HTML 2Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aluminium
Panel Handles
Pull Handles
Order No.
Type
Colour
l
2
l
1
l
3
Te
79600.W0114-1
One
Natural
15
14.6
15.2
3
79600.W0114-4
One
Black
15
14.6
15.2
3
79600.W0119-1
One
Natural
20.1
19.7
20.3
4
79600.W0119-4
One
Black
20.1
19.7
20.3
4
79600.W0124-1
One
Natural
25.1
24.8
25.4
5
79600.W0124-4
One
Black
25.1
24.8
25.4
5
79600.W0129-1
One
Natural
30.2
29.9
30.5
6
79600.W0129-4
One
Black
30.2
29.9
30.5
6
79600.W0140-1
One
Natural
40.4
40.0
40.6
8
79600.W0140-4
One
Black
40.4
40
40.6
8
79600.W0160-1
One
Natural
60.4
60.3
60.7
12
79600.W0160-4
One
Black
60.4
60.3
60.7
12
79600.W0170-1
One
Natural
70.9
70.5
71.1
14
79600.W0170-4
One
Black
70.9
70.5
71.1
14
79600.W0199-1
One
Natural
101.3
101.0
101.6
20
79600.W0199-4
One
Black
101.3
101.0
101.6
20
79600.W0214-1
Two
Natural
15
14.6
15.2
3
79600.W0214-4
Two
Black
15
14.6
15.2
3
79600.W0219-1
Two
Natural
20.1
19.7
20.3
4
79600.W0219-4
Two
Black
20.1
19.7
20.3
4
79600.W0224-1
Two
Natural
25.1
24.8
25.4
5
79600.W0224-4
Two
Black
25.1
24.8
25.4
5
79600.W0229-1
Two
Natural
30.2
29.9
30.5
6
79600.W0229-4
Two
Black
30.2
29.9
30.5
6
79600.W0240-1
Two
Natural
40.4
40.0
40.6
8
79600.W0240-4
Two
Black
40.4
40
40.6
8
79600.W0260-1
Two
Natural
60.4
60.3
60.7
12
79600.W0260-4
Two
Black
60.4
60.3
60.7
12
79600.W0270-1
Two
Natural
70.9
70.5
71.1
14
79600.W0270-4
Two
Black
70.9
70.5
71.1
14
79600.W0299-1
Two
Natural
101.3
101.0
101.6
20
79600.W0299-4
Two
Black
101.3
101.0
101.6
20
79600.W0314-1
Three
Natural
15
14.6
15.2
3
79600
0333 207 4497
sales@wixroyd.com
1
Material
Profiled aluminium AlMgSi 0,5. Vibration
ground and anodised, matt finish.
Technical Notes
All panel handles have a cross slot to suit
either M2,5 screw heads (DIN 933) or nuts
DIN 935/562 or 934. TE = unit of grid divi­
sion (grid scale 5,08mm)
R = TE x 5,08mm. B is approx. R ­ 0,3mm. L
is approx. R ­ 0,6mm.


Similar Part No. - 79600

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
79600 AMPHENOL-79600 Datasheet
84Kb / 1P
TNC Jacks
logo
TE Connectivity Ltd
796006-4 TEC-796006-4 Datasheet
909Kb / 22P
Connector System for Universal Serial Bus
796007-2 TEC-796007-2 Datasheet
909Kb / 22P
Connector System for Universal Serial Bus
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
More results

Similar Description - 79600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C_14 Datasheet
706Kb / 59P
Handles Retransmission of Frames on Contention and Errors
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
PHOENIX CONTACT
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
The tools feature ergonomic two-component safety handles
CUTFOX-SE-LM PHOENIX-CUTFOX-SE-LM Datasheet
43Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PC-VDE-DB PHOENIX-UNIFOX-PC-VDE-DB Datasheet
53Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PE-VDE PHOENIX-UNIFOX-PE-VDE Datasheet
48Kb / 2P
The tools feature ergonomic two-component safety handles
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com