Electronic Components Datasheet Search
  English  ▼

X  

79610 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79610
Description  Ledge Pulls
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79610 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79610 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ledge Pulls
Pull Handles
Order No.
Type
Colour
l
2
l
1
79610.W0045-1
Type One
Natural
60
45
79610.W0045-4
Type One
Black
60
45
79610.W0070-1
Type One
Natural
85
70
79610.W0070-4
Type One
Black
85
70
79610.W0090-1
Type One
Natural
105
90
79610.W0090-4
Type One
Black
105
90
79610.W0099-1
Type One
Natural
120
105
79610.W0099-4
Type One
Black
120
105
79610.W0145-1
Type Two
Natural
60
45
79610.W0145-4
Type Two
Black
60
45
79610.W0170-1
Type Two
Natural
85
70
79610.W0170-4
Type Two
Black
85
70
79610.W0190-1
Type Two
Natural
105
90
79610.W0190-4
Type Two
Black
105
90
79610.W0199-1
Type Two
Natural
120
105
79610.W0199-4
Type Two
Black
120
105
79610.W0245-1
Type Three
Natural
65
45
79610.W0245-4
Type Three
Black
65
45
79610.W0264-1
Type Three
Natural
84
64
79610.W0264-4
Type Three
Black
84
64
79610.W0270-1
Type Three
Natural
90
70
79610.W0270-4
Type Three
Black
90
70
79610.W0280-1
Type Three
Natural
100
80
79610.W0280-4
Type Three
Black
100
80
79610.W0290-1
Type Three
Natural
110
90
79610.W0290-4
Type Three
Black
110
90
79610
0333 207 4497
sales@wixroyd.com
1
Material
Profiled aluminium AlMgSi 0.5. Vibration
ground, and anodized with a matt finish in
natural colour or black.
Technical Notes
Minimum stress resistance 200N.
Important Notes
Any other handle lengths available upon
request.


Similar Part No. - 79610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
MicroTCA Interconnect Solutions
79610-5002 MOLEX-79610-5002 Datasheet
548Kb / 4P
MicroTCA Interconnect Solutions
79610-5007 MOLEX9-79610-5007 Datasheet
164Kb / 2P
10 Gbps MicroTCA Evaluation Backplane, Fully Redundant, EBBI??Blind-mateFanTray Connectors
796105008 MOLEX9-796105008 Datasheet
379Kb / 2P
10 Gbps MicroTCA Development Chassis, Fully Redundant, Molex 10Gbps Backplane Assembly and Connector Installed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com