Electronic Components Datasheet Search
  English  ▼

X  

79650 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79650
Description  Ledge Pulls
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79650 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79650 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ledge Pulls
Pull Handles
Order No.
Colour
l
2
l
1
79650.W0110-1
Natural
150
110
79650.W0110-4
Black
150
110
79650.W0160-1
Natural
200
160
79650.W0160-4
Black
200
160
79650.W0210-1
Natural
250
210
79650.W0210-4
Black
250
210
79650.W0260-1
Natural
300
260
79650.W0260-4
Black
300
260
79650.W0310-1
Natural
350
310
79650.W0310-4
Black
350
310
79650.W0360-1
Natural
400
360
79650.W0360-4
Black
400
360
79650.W0460-1
Natural
500
460
79650.W0460-4
Black
500
460
79650.W0560-1
Natural
600
560
79650.W0560-4
Black
600
560
79650
0333 207 4497
sales@wixroyd.com
1
Material
Handle: aluminium section AlMgSi 0.5.
Semi-gloss anodizing in natural colour or
black powder coated with fine structure.
End caps: polyamide, black, with fine-grain
structure.
Technical Notes
Minimum stress resistance >1000N.
Tips
For sliding doors and drawers in machinery
and technical plants, also suitable as edge
protection.


Similar Part No. - 79650

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7965GLZ BELDEN-7965GLZ Datasheet
179Kb / 2P
Category 6 Cable, 4 Pair, U/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
logo
3M Electronics
7965MP 3M-7965MP Datasheet
3Mb / 6P
3M™ High Performance Acrylic Adhesive 200MP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com