Electronic Components Datasheet Search
  English  ▼

X  

79690 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79690
Description  Hatch Pulls
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79690 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79690 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
stainless steel
Hatch Pulls
Pull Handles
Order No.
l
1
l
2
l
3
l
4
h
1
h
2
h
3
j
b
1
b
2
t
c
Weight
g
79690.W0090
90
66.2
30.2
57
35.5
23.2
10.5
2.2
22
18.5
3.8
80
68
79690.W0115
115
86.2
40.0
67
42.0
26.0
13.0
2.5
25
20.0
4.0
102
102
79690
0333 207 4497
sales@wixroyd.com
1
Material
AISI 304 stainless steel, satin finish.
Technical Notes
Supplied with stainless steel screws.
Important Notes
T-handle design. Handle is concealed when
not in use.


Similar Part No. - 79690

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
796949-2 MACOM-796949-2 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-3 MACOM-796949-3 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-4 MACOM-796949-4 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-5 MACOM-796949-5 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-6 MACOM-796949-6 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com