Electronic Components Datasheet Search
  English  ▼

X  

D48SD Datasheet(PDF) 1 Page - Howard Butler Ltd

Part # D48SD
Description  DIN RANGE PANEL METERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd

D48SD Datasheet(HTML) 1 Page - Howard Butler Ltd

  D48SD Datasheet HTML 1Page - Howard Butler Ltd D48SD Datasheet HTML 2Page - Howard Butler Ltd D48SD Datasheet HTML 3Page - Howard Butler Ltd D48SD Datasheet HTML 4Page - Howard Butler Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIN RANGE PANEL METERS
DESCRIPTION
Available with moving iron or
moving coil movements for a.c.
or d.c. use, these DIN panel meters
have been supplied worldwide and
are recognised for their quality
and value. Standard scales or
customised dials can be offered.
• Manufactured to:
DIN 43700, IEC51 and BS89.
• 48mm, 72mm and 96mm sizes.
• a.c. or d.c. use.
• Interchangeable dials (72mm & 96mm).
• Rugged pivot and jewel movement.
• Ammeters, Voltmeters, Frequency
Meters, Power Factor Indicators,
Wattmeters, Elapsed Time Indicators
and Maximum Demand Indicators.
• Optional red secondary pointer and
terminal cover.
• Special customised dials.
Howard Butler Limited is one of the largest
independent UK manufacturers of panel meters
and associated products.
With over 80 years experience in the industry
HOBUT products have built a reputation for
high quality and modern design at
competitive prices.
ANALOGUE PANEL METERS • DIGITAL PANEL METERS • HOURS COUNTERS • SELECTOR SWITCHES • PROTECTION RELAYS • TRANSDUCERS
SHUNTS • CURRENT TRANSFORMERS • CHARGER METERS • THERMAL CUTOUTS • MULTI-FUNCTION METERS
11840


Similar Part No. - D48SD

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D48 PETERMANN-D48 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
logo
SL Power Electronics
D48-051800-A000G SLPOWER-D48-051800-A000G Datasheet
20Kb / 2P
D48 Euro Wall Mount 7-14 Watts Series
D48-061500-A000G SLPOWER-D48-061500-A000G Datasheet
20Kb / 2P
D48 Euro Wall Mount 7-14 Watts Series
D48-071300-A000G SLPOWER-D48-071300-A000G Datasheet
20Kb / 2P
D48 Euro Wall Mount 7-14 Watts Series
D48-081200-A000G SLPOWER-D48-081200-A000G Datasheet
20Kb / 2P
D48 Euro Wall Mount 7-14 Watts Series
More results

Similar Description - D48SD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
240 Series DIN Panel Meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com