Electronic Components Datasheet Search
  English  ▼

X  

ES50-2 Datasheet(PDF) 2 Page - Howard Butler Ltd

Part # ES50-2
Description  DIN RANGE PANEL METERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd

ES50-2 Datasheet(HTML) 2 Page - Howard Butler Ltd

  ES50-2 Datasheet HTML 1Page - Howard Butler Ltd ES50-2 Datasheet HTML 2Page - Howard Butler Ltd ES50-2 Datasheet HTML 3Page - Howard Butler Ltd ES50-2 Datasheet HTML 4Page - Howard Butler Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIN RANGE PANEL METERS
MOVING IRON
Types:
D48SD, D72SD, D96SD.
Accuracy:
Class 1.5 (Class 2.5-60A and
above).
AC ratings:
1A to 100A direct connected
(D48SD - 40A max).
1A or 5A CT operated.
30V to 600V direct connected.
Burden:
0.7VA typical for 1A or 5A CT
operated at 50Hz.
1.2VA max up to 30A
2.4VA max for 40A to 100A.
6VA max for voltmeters up
to 600V.
Frequency:
Calibrated at 50Hz.
Specify for frequencies 15Hz up
to 400Hz
Scaling:
Standard ammeter and voltmeter
scales.(2x and 6x overload amme-
ter scales available on request).
Damping:
Heavily damped movements
available.
MOVING COIL
Types:
D48MC, D72MC, D96MC.
Accuracy:
Class 1.5.
DC ratings:
100µA to 50A direct connected
(D48MC - 40A max).
4-20mA, 1mA or 20mA
transducer operated.
50mV to 600V direct connected.
50mV to 300mV shunt operated.
AC ratings:
Rectifier types available for a.c.
use (mean sensitivity).
DC burden:
80mV to 150mV volt drop for
direct connect ammeters 1mA
(1000
Ω/V) for voltmeters and
shunt operated ammeters.
Non std.:
Suppressed zero voltmeters and
trim potentiometer types
available.
WATTMETER
Type:
D96WA.
Accuracy:
Class 1.5.
AC ratings:
1A or 5A CT operated.
63.5V to 500V direct connected.
Burden:
Current<0.5VA
Voltage<2.0VA
each circuit.
Working
range:
Current 0-120%
Voltage 75-125%.
Frequency:
Calibrated for 50Hz or 60Hz.
Systems:
WA1 Single phase.
WA2 3ph 3 wire balanced load
WA3 3ph 4 wire balanced load
WA4 3ph 3 wire unbalanced load
WA5 3ph 4 wire unbalanced load
Terminals:
Screw clamps - connection
diagram supplied.
}
CONNECTION
DIAGRAMS
All DIN range panel meters are
available as Wattmeters using a
separate transducer.
Moving Iron panel meters can be
used for D.C. operation at
reduced accuracy.
LN
k
K
L
l
L1
L2
L3
K
L
k
l
L1
L2
L3
N
k
K
L
l
L1
L2
L3
K
L
k
l
K
L
k
l
L1
L2
L3
N
K
L
k
l
K
L
k
l
K
L
k
l
SINGLE PHASE
3PH 3W BALANCED LOAD
3PH 4W BALANCED LOAD
3PH 3W UNBALANCED LOAD
3PH 4W UNBALANCED LOAD
VOLTMETER
AMMETER
L1
L2
(L)
(N)
V
v
U
u
L1
L2
(L)
(N)
L
l
K
k
DIRECT
CONNECTED
VOLTAGE
TRANSFORMER
OPERATED
DIRECT
CONNECTED
CURRENT
TRANSFORMER
OPERATED
VOLTMETER
AMMETER
-
+
+
-
+
++
DIRECT
CONNECTED
SHUNT
OPERATED
• • •
• • •
•
DIN
96
DIN
72
DIN
48
•
•
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com