Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV755P Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 24Page - Texas Instruments TLV755P Datasheet HTML 25Page - Texas Instruments TLV755P Datasheet HTML 26Page - Texas Instruments TLV755P Datasheet HTML 27Page - Texas Instruments TLV755P Datasheet HTML 28Page - Texas Instruments TLV755P Datasheet HTML 29Page - Texas Instruments TLV755P Datasheet HTML 30Page - Texas Instruments TLV755P Datasheet HTML 31Page - Texas Instruments TLV755P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Dec-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TLV75525PDRVRG4.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1GZH
TLV75525PDYDR
Active
Production
SOT-23 (DYD) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
3DSH
TLV75525PDYDR.A
Active
Production
SOT-23 (DYD) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
3DSH
TLV75528PDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
1FUF
TLV75528PDBVR.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
1FUF
TLV75528PDQNR
Active
Production
X2SON (DQN) | 4
3000 | LARGE T&R
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
KG
TLV75528PDQNR.A
Active
Production
X2SON (DQN) | 4
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KG
TLV75528PDQNT
Active
Production
X2SON (DQN) | 4
250 | SMALL T&R
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
KG
TLV75528PDQNT.A
Active
Production
X2SON (DQN) | 4
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KG
TLV75528PDRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1H1H
TLV75528PDRVR.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1H1H
TLV75528PDYDR
Active
Production
SOT-23 (DYD) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
3DTH
TLV75528PDYDR.A
Active
Production
SOT-23 (DYD) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
3DTH
TLV75529PDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
1HCF
TLV75529PDBVR.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1HCF
TLV75529PDRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU | SELECTIVE
AG (TOP SIDE)
Level-1-260C-UNLIM
-40 to 125
1HFH
TLV75529PDRVR.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
SELECTIVE
AG (TOP SIDE)
Level-1-260C-UNLIM
-40 to 125
1HFH
TLV75530PDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
1FVF
TLV75530PDBVR.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
1FVF
TLV75530PDQNR
Active
Production
X2SON (DQN) | 4
3000 | LARGE T&R
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
KI
TLV75530PDQNR.A
Active
Production
X2SON (DQN) | 4
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KI
TLV75530PDQNT
Active
Production
X2SON (DQN) | 4
250 | SMALL T&R
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
KI
TLV75530PDQNT.A
Active
Production
X2SON (DQN) | 4
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KI
TLV75530PDQNTG4
Active
Production
X2SON (DQN) | 4
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KI
TLV75530PDQNTG4.A
Active
Production
X2SON (DQN) | 4
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KI
TLV75530PDRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1H2H
TLV75530PDRVR.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1H2H
TLV75532PDQNR
Active
Production
X2SON (DQN) | 4
3000 | LARGE T&R
Yes
SELECTIVE
AG (TOP SIDE)
Level-1-260C-UNLIM
-40 to 125
TD
Addendum-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com