Electronic Components Datasheet Search
  English  ▼

X  

TPS70302PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS70302PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS70302PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS70302PWPR Datasheet HTML 25Page - Texas Instruments TPS70302PWPR Datasheet HTML 26Page - Texas Instruments TPS70302PWPR Datasheet HTML 27Page - Texas Instruments TPS70302PWPR Datasheet HTML 28Page - Texas Instruments TPS70302PWPR Datasheet HTML 29Page - Texas Instruments TPS70302PWPR Datasheet HTML 30Page - Texas Instruments TPS70302PWPR Datasheet HTML 31Page - Texas Instruments TPS70302PWPR Datasheet HTML 32Page - Texas Instruments TPS70302PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
VI
VOUT1
MR1
0.22 F
m
RESET
22 F
m
47 F
m
0.22 F
m
MR2
EN
2V
0.7V
TPS703xxPWP
(FixedOutputOption)
>2V
<0.7V
250kW
83%
95%
120ms
EN
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tiedtoPG1)
RESET
SEQ
120ms
83%
95%
t
1
(see NoteA)
NOTEA:t :TimeatwhichbothV
andV
aregreaterthanthePGthresholdsand
islogichigh.
1
OUT1
OUT2
MR1
TPS70345, TPS70348
TPS70351, TPS70358
TPS70302
www.ti.com
SLVS285H – AUGUST 2000 – REVISED APRIL 2010
Application
conditions
not
shown
in
block
diagram:
VIN1 and VIN2 are tied to the same fixed input
voltage greater than VUVLO; SEQ is tied to logic
high; PG1 is tied to MR2; MR1 is initially at logic
high but is eventually toggled.
Explanation of timing diagrams:
EN is initially high; therefore, both regulators are
off and PG1 and RESET are at logic low. With
SEQ at logic high, when EN is taken low, VOUT2
turns on. VOUT1 turns on after VOUT2 reaches 83%
of its regulated output voltage. When VOUT1
reaches 95% of its regulated output voltage, PG1
(tied to MR2) goes to logic high. When both
VOUT1 and VOUT2 reach 95% of their respective
regulated output voltages and both MR1 and
MR2 (tied to PG1) are at logic high, RESET is
pulled to logic high after a 120 ms delay. When
MR1 is taken low, RESET returns to logic low but
the outputs remain in regulation. When MR1
returns to logic high, because both VOUT1 and
VOUT2 remain above 95% of their respective
regulated output voltages and MR2 (tied to PG1)
remains at logic high, RESET is pulled to logic
high after a 120 ms delay.
Figure 40. Timing When MR1 is Toggled
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com