Electronic Components Datasheet Search
  English  ▼

X  

TUSB212 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB212
Description  TUSB212 USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB212 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB212 Datasheet HTML 13Page - Texas Instruments TUSB212 Datasheet HTML 14Page - Texas Instruments TUSB212 Datasheet HTML 15Page - Texas Instruments TUSB212 Datasheet HTML 16Page - Texas Instruments TUSB212 Datasheet HTML 17Page - Texas Instruments TUSB212 Datasheet HTML 18Page - Texas Instruments TUSB212 Datasheet HTML 19Page - Texas Instruments TUSB212 Datasheet HTML 20Page - Texas Instruments TUSB212 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
TUSB212
www.ti.com
SLLSEX5A – AUGUST 2017 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Power Supply Recommendations
On power up, the interaction of the RSTN pin and power on ramp could result in digital circuits not being set
correctly. The device should not be enabled until the power on ramp has settled to 3 V or higher to ensure a
correct power on reset of the digital circuitry. If RSTN cannot be held low by microcontroller or other circuitry until
the power on ramp has settled, then an external capacitor from the RSTN pin to GND is required to hold the
device in the low power reset state.
The RC time constant should be larger than five times of the power on ramp time (0 to VCC). With a typical
internal pullup resistance of 500 kΩ, the recommended minimum external capacitance is calculated as:
[Ramp Time x 5] ÷ [500 kΩ]
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com