Electronic Components Datasheet Search
  English  ▼

X  

TUSB212I Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB212I
Description  TUSB212 USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB212I Datasheet(HTML) 4 Page - Texas Instruments

  TUSB212I Datasheet HTML 1Page - Texas Instruments TUSB212I Datasheet HTML 2Page - Texas Instruments TUSB212I Datasheet HTML 3Page - Texas Instruments TUSB212I Datasheet HTML 4Page - Texas Instruments TUSB212I Datasheet HTML 5Page - Texas Instruments TUSB212I Datasheet HTML 6Page - Texas Instruments TUSB212I Datasheet HTML 7Page - Texas Instruments TUSB212I Datasheet HTML 8Page - Texas Instruments TUSB212I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TUSB212
SLLSEX5A – AUGUST 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature and voltage range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
Range
VCC
-0.3
3.8
V
Voltage Range
on I/O pins
DxP, DxM, RSTN, EQ, SCL, SDA, DC_BOOST, VREG
-0.3
3.8
V
Tstg
Storage temperature
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature and voltage range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply Voltage
3
3.3
3.6
V
TA
Ambient temperature
TUSB212
0
70
°C
TUSB212I
-40
85
°C
TJ
Junction temperature
TUSB212
0
85
°C
TUSB212I
-40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB212
UNIT
RWB (VQFN)
12 PINS
RθJA
Junction-to-ambient thermal resistance
137.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62
°C/W
RθJB
Junction-to-board thermal resistance
67.2
°C/W
ΨJT
Junction-to-top characterization parameter
1.9
°C/W
ΨJB
Junction-to-board characterization parameter
67.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com