Electronic Components Datasheet Search
  English  ▼

X  

TUSB321 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB321 Datasheet HTML 13Page - Texas Instruments TUSB321 Datasheet HTML 14Page - Texas Instruments TUSB321 Datasheet HTML 15Page - Texas Instruments TUSB321 Datasheet HTML 16Page - Texas Instruments TUSB321 Datasheet HTML 17Page - Texas Instruments TUSB321 Datasheet HTML 18Page - Texas Instruments TUSB321 Datasheet HTML 19Page - Texas Instruments TUSB321 Datasheet HTML 20Page - Texas Instruments TUSB321 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
TUSB321
www.ti.com
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
8.3 Initialization Set Up
The general power-up sequence for the TUSB321 device is as follows:
1. System is powered off (device has no VDD). The TUSB321 device is configured internally in UFP mode with
Rds on CC pins.
2. VDD ramps – POR circuit.
3. The TUSB321 device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB321 device operates (DFP, UFP, DRP).
4. The TUSB321 device monitors the CC pins as a DFP and VBUS for attach as a UFP.
5. The TUSB321 device enters active mode when attach has been successfully detected.
9 Power Supply Recommendations
The TUSB321 device has a wide power supply range from 4.5 to 5.5 V. The TUSB321 device can be run off of a
system power such as a battery.
10 Layout
10.1 Layout Guidelines
1. An extra trace (or stub) is created when connecting between more than two points. A trace connecting pin A6
to pin B6 will create a stub because the trace also has to go to the USB Host. Ensure that:
–
A stub created by short on pin A6 (DP) and pin B6 (DP) at Type-C receptacle does not exceed 3.5 mm.
–
A stub created by short on pin A7 (DM) and pin B7 (DM) at Type-C receptacle does not exceed 3.5 mm.
2. A 100-nF capacitor should be placed as close as possible to the TUSB321 VDD pin.
10.2 Layout Example
Figure 6. TUSB321 Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com