Electronic Components Datasheet Search
  English  ▼

X  

TUSB542 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 12Page - Texas Instruments TUSB542 Datasheet HTML 13Page - Texas Instruments TUSB542 Datasheet HTML 14Page - Texas Instruments TUSB542 Datasheet HTML 15Page - Texas Instruments TUSB542 Datasheet HTML 16Page - Texas Instruments TUSB542 Datasheet HTML 17Page - Texas Instruments TUSB542 Datasheet HTML 18Page - Texas Instruments TUSB542 Datasheet HTML 19Page - Texas Instruments TUSB542 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
VBUS
DP
DM
CC1
CC2
TUSB 322
CC 2
CC 1
VBUS _DET
USB VBUS Switch
(Optional BC 1.2 Support for Legacy)
VOUT
DM_OUT
DP_OUT
VIN
System VBUS
PORT
VDD_5V
USB3
and
PMIC
SDA / OUT 1
SCL / OUT 2
INT_N / OUT 3
ID
I2C I/O
1.8 V or 3.3 V
EN
SCL
SDA
DM
DP
PS_EN
VBUS
ID
SCL
SDA
TXN 1
TXP 1
RXN 1
RXP 1
TXP 2
TXN 2
RXP2
RXN2
TXN 1
TXP 1
RXN 1
RXP 1
TXP 2
TXN 2
RXP 2
RXN 2
SSRXP
SSRXN
SSTXP
SSTXN
VDD18
VDD18
100 nF
100 nF
100 nF
100 nF
100 F
VCONN
Bulk Cap
100 nF
VDD18
4.7k
Note
Connection Flip
for CC1 and CC2
TX_CON_1+
TX_CON_1–
RX_CON_2–
RX_CON_2+
TX_AP+
TX_AP–
RX_AP+
RX_AP–
RX_CON_1+
RX_CON_1–
TX_CON_2+
TX_CON_2–
CNFG_A1
CNFG_B1
CNFG_B2
CNFG_A2
SEL
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
4.7k
100 nF
100 nF
100 nF
47 k
4.7 k
4.7 k
200 k
200 k
100 nF
150 F
900 k
PS_FAULT#
INT#
FAULT#
GND
DM_IN
DP_IN
Figure 7-2. USB-C DRP Implementation Using TUSB542 and TUSB322/TUSB321
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com