Electronic Components Datasheet Search
  English  ▼

X  

TUSB522PRGER Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB522PRGER
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGER Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB522PRGER Datasheet HTML 11Page - Texas Instruments TUSB522PRGER Datasheet HTML 12Page - Texas Instruments TUSB522PRGER Datasheet HTML 13Page - Texas Instruments TUSB522PRGER Datasheet HTML 14Page - Texas Instruments TUSB522PRGER Datasheet HTML 15Page - Texas Instruments TUSB522PRGER Datasheet HTML 16Page - Texas Instruments TUSB522PRGER Datasheet HTML 17Page - Texas Instruments TUSB522PRGER Datasheet HTML 18Page - Texas Instruments TUSB522PRGER Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
8.2.3 Application Curves
MP1800 BERT
5Gbps, 680mVpp
PRBS7
Input PCB trace
25" FR-4
-10.5dB Loss
Output PCB trace
1.0" FR-4
-0.8dB Loss
DCAX
35GHz BW
PTB
TUSB522
RX2 > TX2
EQ = H, OS = L, DE = L
1ft SMP-SMP cable
1ft SMP-SMP cable
1ft SMP-SMP cable
BERT > 24"6mil > char-board > RX2-to-TX2 > char-board > Scope
8.3 Power Supply Recommendations
The TUSB522P is designed to operate with a 3.3-V power supply. Levels above those listed in the Absolute
Ratings table should not be used. If using a higher voltage system power supply, a voltage regulator can be used
to step down to 3.3 V. Decoupling capacitors should be used to reduce noise and improve power supply integrity.
A 0.1-µF capacitor should be used on each power pin.
8.4 Layout
8.4.1 Layout Guidelines
• RXP/N and TXP/N pairs should be routed with controlled 90-Ω differential impedance (±15%).
• Keep away from other high speed signals.
• Intra-pair routing should be kept to within 2mils.
• Length matching should be near the location of mismatch.
• Each pair should be separated at least by 3 times the signal trace width.
• The use of bends in differential traces should be kept to a minimum. When bends are used, the number of left
and right bends should be as equal as possible and the angle of the bend should be ≥ 135 degrees. This will
minimize any length mismatch causes by the bends and therefore minimize the impact bends have on EMI.
• Route all differential pairs on the same of layer.
• The number of VIAS should be kept to a minimum. It is recommended to keep the VIAS count to 2 or less.
• Keep traces on layers adjacent to ground plane.
• Do not route differential pairs over any plane split.
• Adding test points will cause impedance discontinuity; and will therefore, negatively impact signal
performance. If test points are used, they should be placed in series and symmetrically. They must not
be placed in a manner that causes a stub on the differential pair.
• The 100-nF capacitors on the TXP and SSTXN nets must be placed close to the USB connector (Type A,
Type B, and so forth).
www.ti.com
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com