Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041RGCR Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB8041RGCR
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB8041RGCR Datasheet HTML 9Page - Texas Instruments TUSB8041RGCR Datasheet HTML 10Page - Texas Instruments TUSB8041RGCR Datasheet HTML 11Page - Texas Instruments TUSB8041RGCR Datasheet HTML 12Page - Texas Instruments TUSB8041RGCR Datasheet HTML 13Page - Texas Instruments TUSB8041RGCR Datasheet HTML 14Page - Texas Instruments TUSB8041RGCR Datasheet HTML 15Page - Texas Instruments TUSB8041RGCR Datasheet HTML 16Page - Texas Instruments TUSB8041RGCR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
Auto-mode automatically selects divider-mode or DCP mode.
(2)
Divider mode can be configured for high-current mode through register or OTP settings.
(3)
USB Device is USB Battery Charging Specification Revision 1.2 Compliant
(4)
USB Device is Chinese Telecommunications Industry Standard YD/T 1591-2009
In addition, to standard DCP mode, the TUSB8041 provides a mode (AUTOMODE) which automatically provides
support for DCP devices and devices that support custom charging indication. When in AUTOMODE, the port will
automatically switch between a divider mode and the DCP mode depending on the portable device connected.
The divided mode places a fixed DC voltage on the ports DP and DM signals which allows some devices to
identify the capabilities of the charger. The default divider mode indicates support for up to 5W. The divider mode
can be configured to report a high-current setting (up to 10 W) through REG_Ah (HiCurAcpModeEn).
The battery charging mode for each port is dependent on the state of Reg_6h(batEn[n]), the status of the VBUS
input, and the state of REG_Ah(autoModeEnz) upstream port as identified in Table 1.
Table 1. TUSB8041 Battery Charging Modes
batEn[n]
VBUS
autoModeEnz
BC Mode Port x
(x = n + 1)
0
Don’t Care
Don’t Care
Don’t Care
1
< 4 V
0
Automode(1) (2)
1
DCP(3) (4)
> 4 V
Don’t Care
CDP(3)
8.3.2
USB Power Management
The TUSB8041 can be configured for power switched applications using either per-port or ganged power-enable
controls and over-current status inputs.
Power switch support is enabled by REG_5h (fullPwrMgmtz) and the per-port or ganged mode is configured by
REG_5h(ganged).
The TUSB8041 supports both active high and active low power-enable controls. The PWRCTL[4:1] polarity is
configured by REG_Ah(pwrctlPol).
8.3.3 One Time Programmable (OTP) Configuration
The TUSB8041 allows device configuration through one time programmable non-volatile memory (OTP). The
programming of the OTP is supported using vendor-defined USB device requests. For details using the OTP
features please contact your TI representative.
The table below provides a list features which may be configured using the OTP.
Table 2. OTP Configurable Features
CONFIGURATION REGISTER
OFFSET
BIT FIELD
DESCRIPTION
REG_01h
[7:0]
Vendor ID LSB
REG_02h
[7:0]
Vendor ID MSB
REG_03h
[7:0]
Product ID LSB
REG_04h
[7:0]
Product ID MSB
REG_07h
[0]
Port removable configuration for downstream ports 1. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_07h
[1]
Port removable configuration for downstream ports 2. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_07h
[2]
Port removable configuration for downstream ports 3. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com