Electronic Components Datasheet Search
  English  ▼

X  

TX810 Datasheet(PDF) 4 Page - Texas Instruments

Part # TX810
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TX810 Datasheet(HTML) 4 Page - Texas Instruments

  TX810 Datasheet HTML 1Page - Texas Instruments TX810 Datasheet HTML 2Page - Texas Instruments TX810 Datasheet HTML 3Page - Texas Instruments TX810 Datasheet HTML 4Page - Texas Instruments TX810 Datasheet HTML 5Page - Texas Instruments TX810 Datasheet HTML 6Page - Texas Instruments TX810 Datasheet HTML 7Page - Texas Instruments TX810 Datasheet HTML 8Page - Texas Instruments TX810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TX810
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
All Specifications at TA = 25°C, VP = 5V, VN = -5V, VB = 0V, Vsub= -5V, RLOAD = 400Ω; f = 5MHz, B3B2B1 = 111, VIN =
0.25VPP, unless otherwise noted. Test Level: A: Final tester limits; B: bench evaluation/simulation; C: Simulation
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
Level
DC POWER SPECIFICATIONS
Positive Supply VP
5
V
B
Negative Supply VN
-5
Quiescent current, VP, VN
No Signal
50
µA
A
Substrate Voltage, VSUB
PowerPAD™
VN
0
V
B
Digital Supply, VD
2.5
5
V
B
Quiescent current, VD
No Signal
50
µA
A
Bias current, VP, VN path
B3B2B1 = 001
1.25
1
0.75
mA/CH
A
Bias current, VP, VN path
B3B2B1 = 111
5.95
7
8.05
mA/CH
A
Any output; B3B2B1 = 000; No
Leakage Current
0.5
µA
A
Input
LOGIC INPUTS
Logic High Input Voltage; VIH
2
VD
V
A
Logic High Input Current; IIH
20
µA
A
Logic Low Input Voltage; VIL
0
0.4
V
A
Logic Low Input Current; IIL Input
20
µA
A
Capacitance, CIN
5
pF
C
POWER DISSIPATION
All channels
Power-Down Dissipation
B3B2B1 = 000; no signal
200
µW
A
B3B2B1 = 001; no signal
80
92
mW
A
Total Power Dissipation
B3B2B1 = 111; no signal
560
644
mW
A
AC SPECIFICATIONS
1 µs positive and negative pulse
applied seperately at
-90
90
V
A
Input Amplitude, VIN
PRF = 10 kHz
CW mode (continuous wave)
-10
10
V
B
B3B2B1 = 111
-0.9
-1.8
dB
A
B3B2B1 = 100
-1.1
-1.8
dB
A
Insertion loss, IL
B3B2B1 = 001
-1.3
-2
dB
A
B3B2B1 = 111, RLOAD = 50Ω
-4.1
dB
B
B3B2B1 = 001, RLOAD = 50Ω
-7
dB
B
Channel to channel IL matching
B3B2B1 = 111
0.06
dB
B
Insertion Loss, IL
B3B2B1 = 111, at 20MHz
-0.9
dB
B
B3B2B1 = 111, RLOAD = 50 Ω
30
Ω
B
B3B2B1 = 001, RLOAD = 50 Ω
62
Ω
B
Equivalent Resistance, RON
B3B2B1 = 111
44
Ω
B
B3B2B1 = 001
67
Ω
B
B3B2B1 = 111
140
MHz
B
-3dB Bandwidth, BW
B3B2B1 = 100
115
MHz
B
B3B2B1 = 001
65
MHz
B
B3B2B1 = 111, VIN = 0.5VPP
-74
dBc
B
5MHz
B3B2B1 = 100, VIN = 0.5VPP
-74
dBc
B
2nd Harmonic Distortion, HD2, 5MHz
5MHz
B3B2B1 = 001, VIN = 0.5VPP
-73
dBc
B
5MHz
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TX810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com