Electronic Components Datasheet Search
  English  ▼

X  

39421 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39421
Description  Eurostyle Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39421 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39421 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/10/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0394210002
Status:
Active
Overview:
Eurostyle Terminal Blocks
Description:
12.00mm Pitch Beau EuroMax Horizontal Plug, 2 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39421
Application
N/A
Component Type
Plug
Overview
Eurostyle Terminal Blocks
Product Name
EuroMax Pluggable
Type
Euro Block
UPC
822348530281
Physical
Circuits (Loaded)
2
Color - Resin
Black
Entry Angle
180° Angle
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
45.359/g
Number of Rows
1
Orientation
Horizontal
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
12.00mm
Pitch - Termination Interface
12.00mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
10, 12, 14, 3, 4, 6, 8
Electrical
Current - Maximum per Contact
85.0A
Voltage - Maximum
600V
Material Info
Engineering Number
420502
Reference - Drawing Numbers
Sales Drawing
SD-39421-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Prop65
Duty-To-Declare
PropRisk
Cancer
PropRisk
Developmental toxicity
PropRisk
Reproductive toxicity
PropSub
Lead and its
compounds
RoHS Phthalates
Not Contained
Search Parts in this Series
39421 Series
Mates With
39425-0002 Horizontal PCB Header
This document was generated on 09/10/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39421-0002 MOLEX-39421-0002 Datasheet
307Kb / 2P
12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
39421-0002 MOLEX5-39421-0002 Datasheet
130Kb / 2P
12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 2 Circuits
39421-0002 MOLEX11-39421-0002 Datasheet
39Kb / 1P
12.00mm Pitch Beau EuroMax Horizontal Plug, 2 Circuits
39421-0003 MOLEX-39421-0003 Datasheet
307Kb / 2P
12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
39421-0003 MOLEX5-39421-0003 Datasheet
130Kb / 2P
12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 3 Circuits
More results

Similar Description - 39421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430215 MOLEX11-0395430215 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430221 MOLEX11-0395430221 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430222 MOLEX11-0395430222 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430224 MOLEX11-0395430224 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430609 MOLEX11-0395430609 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430614 MOLEX11-0395430614 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430617 MOLEX11-0395430617 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430619 MOLEX11-0395430619 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430620 MOLEX11-0395430620 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
logo
List of Unclassifed Man...
EB43-02-G ETC2-EB43-02-G Datasheet
223Kb / 1P
Terminal Blocks Eurostyle, PCB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com