Electronic Components Datasheet Search
  English  ▼

X  

AUTOMATION1-IPC Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IPC
Description  Intelligent Industrial PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IPC Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IPC Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IPC Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
aerotech.com
AUTOMATION1 iPC SPECIFICATIONS
-CC05
-CC04
-R403
-DT02
Description
Compact control
cabinet PC
Compact control
cabinet PC
4U rack mount
Desktop PC
Automation1 Version
1.0 and above
1.0 and above
2.9 and above
2.9 and above
Processor
Intel i7
Intel i5
Intel i5
Intel i5
RAM
16 G
16 G
32 G
32 G
Operating System(1)
Windows 10 IoT
Enterprise LTSC
Windows 10 IoT
Enterprise LTSC
Windows 11 IoT
Enterprise LTSC
Windows 11 IoT
Enterprise LTSC
Hard Disk Space
256 GB SSD
256 GB SSD
1 TB SSD
1 TB SSD
USB Connections
4x USB3.0
4x USB3.0
4x USB2.0
4x USB3.0
4x USB2.0
4x USB3.0
Input Power
24 VDC
24 VDC
100-240 VAC
50-60 Hz
100-240 VAC
50-60 Hz
Display Connections
Display Port / HDMI
Display Port / HDMI
Display Port / HDMI/
VGA
Display Port / HDMI/
VGA
PCI/PCIe Expansion Slots
N/A(2)
N/A(2)
3x PCIe x4
1x PCIe x8
1x PCIe x16
2x PCI
3x PCIe x4
1x PCIe x8
1x PCIe x16
2x PCI
DVD Drive
No
No
No
No
Drive Interface
HyperWire
HyperWire
HyperWire
HyperWire
LAN
10/100/1000 Mbit
(qty. 2)
10/100/1000 Mbit
(qty. 2)
10/100/1000 Mbit
(qty. 2)
10/100/1000 Mbit
(qty. 2)
Modbus Support
Yes, via Ethernet
Yes, via Ethernet
Yes, via Ethernet
Yes, via Ethernet
EtherCAT Support
Future
Future
Future
Future
Power Supply
N/A
N/A
500 W
350 W
1. To avoid machine disruption, Aerotech disables automatic updates on Windows PCs that are shipped from Aerotech.
To customize your update settings, refer to Microsoft’s Windows documentation or Aerotech’s User Guide to Windows Updates.
2. No expansion slots available.
3. Option -MB03 requires a PCIe x4 slot. 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com