Electronic Components Datasheet Search
  English  ▼

X  

AUTOMATION1-IXC2 Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IXC2
Description  PWM Servo Drive with Motion Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IXC2 Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IXC2 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC2 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
AUTOMATION1 iXC2 GENERAL SPECIFICATIONS
Chart continued on next page
CATEGORY
SPECIFICATION
Motion Controller(1)
Aerotech’s Automation1-iSMC Intelligent Software-Based Motion Controller (version 2.2 & above)
Motor Style
Brush, brushless, voice coil, stepper(2)
Control Supply
24 VDC
Motor Supply
15-100 VDC
Bus Voltage(3)
15-100 VDC
PWM Frequency
20 kHz
Peak Output Current (1 sec)(4)
10 Apk
Continuous Output Current (4)
5 A
Position Synchronized Output
(PSO)
Standard:
One-axis PSO (includes one-axis part-speed PSO)*
Optional:
Three-axis part-speed PSO*
*Requires adding an expansion board to the drive to output PSO pulses via a physical con-
nection
25-Pin Motor Feedback Connector High-speed differential inputs (encoder sin, cos & marker)
CW & CCW limits
Hall effect sensor inputs (A, B & C)
Analog motor temperature input (accepts digital)
Brake output
Multiplier Options
MX0 option:
Primary encoder: 40 million counts per second square-wave input
Auxiliary encoder: 40 million counts per second square-wave input
MX1 option:
Primary encoder: 200 kHz sine-wave input, encoder multiplier up to x16,3844*
Auxiliary encoder: 40 million counts per second square-wave input
*Encoders multiplied with this input cannot be echoed out
I/O Expansion Board (-EB1)
PSO output connector with up to 12.5 MHz output rate
Auxiliary Encoder Port
1x 16-bit differential, ±10 V analog input
1x 16-bit single-ended, ±10 V analog output
8x optically isolated digital inputs
8x optically isolated digital outputs
I/O Expansion Board (-EB2)
PSO output connector with up to 12.5 MHz output rate
Auxiliary Encoder Port
2x Industrial Ethernet Ports
Drive Array Memory
16.7 MB (4,194,304 32-bit elements)
High Speed Data Capture
Yes (50 ns latency)
Safe Torque Off (STO)
Yes (SIL3/PLe/Cat 4)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com