Electronic Components Datasheet Search
  English  ▼

X  

GHS-8 Datasheet(PDF) 1 Page - Holland Electronics

Part # GHS-8
Description  GHS/GSV series digital CATV splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

GHS-8 Datasheet(HTML) 1 Page - Holland Electronics

  GHS-8 Datasheet HTML 1Page - Holland Electronics GHS-8 Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
77
2935 Golf Course Drive • Ventura, CA 93003 • (800) 628-4511 • FAX (805) 339-0230 • www.hollandelectronics.com
GHS/GSV SerieS diGital CatV SplitterS
GHS/GSV SerieS diGital CatV SplitterS
Black laBel GHS DiGital catV SplitterS
Black laBel GHS DiGital catV SplitterS
MOdELs GHs-2 : GHs-3 : GHs-4 : GHs-8 : GsV-2 : GsV-3 : GsV-4 : GsV-6 : GsV-8
MOdELs GHs-2* : GHs-3* : GHs-4*
• scte compliant Flat-end F-ports
• enhanced return path specifications
• low intermodulation distortion
• capacitor decoupled
• 130 db rFi shielding
• 3-way ground screw: hex/phillips/slot
• smaller housings for tight installations
• scte-compliant Flat-end F-ports
• nickel plated
fEAturEs
The
gHs and gsV series 1 GHz Splitters were
designed to meet the latest digital and return
path requirements.
* POwEr PAssiNG MOdELs AVAiLABLE - sEE PAGE 89
cAtv digitAl splitters
MOdEL GHs-2
MOdEL GHs-3
MOdEL GHs-4
MOdEL GHs-8
MOdEL GsV-2
MOdEL GsV-3
MOdEL GsV-4
MOdEL GsV-6
MOdEL GsV-8
PAssiVEs


Similar Part No. - GHS-8

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
GHS-25 KGS-GHS-25 Datasheet
204Kb / 1P
Stacked layers work together to prevent hot spots and returned heat to the device.
More results

Similar Description - GHS-8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1235FN TOSHIBA-TA1235FN Datasheet
410Kb / 12P
I/Q DEMODULATOR FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
Downconverter IC for Digital CATV
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
For Digital CATV Down Converter IC
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
Downconverter IC for Digital CATV
July, 2013
logo
Balluff Korea Ltd.
BCC0A07 BALLUFF-BCC0A07 Datasheet
108Kb / 2P
Y-Splitters
0.87_2022-07-16
BCC0AFW BALLUFF-BCC0AFW Datasheet
110Kb / 2P
Y-Splitters
0.97_2022-07-16
BCC0AH0 BALLUFF-BCC0AH0 Datasheet
110Kb / 2P
Y-Splitters
0.91_2022-07-16
BCC0AK1 BALLUFF-BCC0AK1 Datasheet
116Kb / 2P
Y-Splitters
0.68_2022-07-16
BCC0AL3 BALLUFF-BCC0AL3 Datasheet
115Kb / 2P
Y-Splitters
0.82_2022-07-16
BCC0AL5 BALLUFF-BCC0AL5 Datasheet
115Kb / 2P
Y-Splitters
0.73_2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com