Electronic Components Datasheet Search
  English  ▼

X  

R08 Datasheet(PDF) 1 Page - Weller Tools

Part # R08
Description  Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

R08 Datasheet(HTML) 1 Page - Weller Tools

  R08 Datasheet HTML 1Page - Weller Tools R08 Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100W
Model
Dimensions
Components
Description
Order No.
Round nozzles
F06
12,0 x 1,5 mm
flat nozzle
005 87 277 72
F04
10,5 x 1,5 mm
flat nozzle
005 87 277 73
F02
8,0 x 1,5 mm
flat nozzle
005 87 277 74
R10
Δ 2,0 mm
round nozzle
005 87 277 87
R08
Δ 2,0 mm
round nozzle, bent
005 87 277 86
R06
Δ 3,0 mm
round nozzle
005 87 278 22
R04
Δ 1,2 mm
round nozzle
005 87 278 21
R02
Δ 0,8 mm
round nozzle
005 87 278 23
FD4
Δ 1,5 x 10,0 mm
dual nozzle
005 87 277 75
FD2
Δ 1,5 x 8,0 mm
dual nozzle
005 87 277 76
18
Hot air nozzles for HAP 1
WMD 3K, WMD 1A, WAD 101, WMA 3V


Similar Part No. - R08

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
R08-LFR FRONTIER-R08-LFR Datasheet
125Kb / 2P
1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
logo
Eaton All Rights Reserv...
R080-R EATON-R080-R Datasheet
345Kb / 6P
High frequency, high current power inductors
logo
List of Unclassifed Man...
R081297 ETC-R081297 Datasheet
403Kb / 4P
Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
logo
Bourns Electronic Solut...
R0843 BOURNS-R0843 Datasheet
2Mb / 2P
5200 Series - Hash Choke
logo
celduc-relais
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
More results

Similar Description - R08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
3V to 8V Hot Swap Power Manager
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
MP3 / WMA AUDIO CODEC
logo
TRINAMIC Motion Control...
BB-101 TRINAMIC-BB-101 Datasheet
442Kb / 1P
Baseboard for TMCM-101
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
Load for air conditioner 1a 20A power relays
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
logo
PHOENIX CONTACT
1004490 PHOENIX-1004490 Datasheet
51Kb / 2P
Warning label - WS-3K
logo
GIACOMINI WATER E-MOTIO...
A7A GIACOMINI-A7A Datasheet
836Kb / 2P
Adjustable fog nozzles
logo
BELIMO AIRCONTROLS (USA...
LF24-ECON-R03US BELIMO-LF24-ECON-R03US Datasheet
829Kb / 3P
Modulating, Spring Return, 24 V, Economizer, 3k廓 Mixed Air Sensor, Built-in
logo
SparkFun Electronics
TOL-11130 SPARKFUN-TOL-11130 Datasheet
42Kb / 1P
Hot-air Rework Replacement Element - Temp Controlled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com