Electronic Components Datasheet Search
  English  ▼

X  

P32 Datasheet(PDF) 2 Page - SICK AG

Part # P32
Description  Reflectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

P32 Datasheet(HTML) 2 Page - SICK AG

  P32 Datasheet HTML 1Page - SICK AG P32 Datasheet HTML 2Page - SICK AG P32 Datasheet HTML 3Page - SICK AG P32 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
P32
Ordering information
Type
Part no.
P32
5314001
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Reflectors
Accessory family
Angular
Description
Rectangular, screw connection
Mounting system type
Screw-on, 2 hole mounting
Ambient operating temperature
–20 °C ... +65 °C
Dimensions
32.5 mm x 65 mm
Reflective area
28 mm x 45 mm
Material
PMMA/ABS
Classifications
ECLASS 5.0
27279203
ECLASS 5.1.4
27279203
ECLASS 6.0
27279203
ECLASS 6.2
27279203
ECLASS 7.0
27279203
ECLASS 8.0
27279203
ECLASS 8.1
27279203
ECLASS 9.0
27273601
ECLASS 10.0
27273601
ECLASS 11.0
27273601
ECLASS 12.0
27273601
ETIM 5.0
EC002467
ETIM 6.0
EC002467
ETIM 7.0
EC002467
ETIM 8.0
EC002467
UNSPSC 16.0901
39111827
2
| SICK
Product data sheet | 2024-05-15 00:17:11
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com