Electronic Components Datasheet Search
  English  ▼

X  

PMPB13UP Datasheet(PDF) 25 Page - Nexperia B.V. All rights reserved

Part # PMPB13UP
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB13UP Datasheet(HTML) 25 Page - Nexperia B.V. All rights reserved

Back Button PMPB13UP Datasheet HTML 21Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 22Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 23Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 24Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 25Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 26Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 27Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 28Page - Nexperia B.V. All rights reserved PMPB13UP Datasheet HTML 29Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 234 page
background image
Automotive-qualified
Package
SOT353
(SC-88A)
SOT363
(SC-88)
SOT1216
(DFN1010B-6)
Size (mm)
2.0 x 1.25 x 0.95
2.0 x 1.25 x 0.95
1.1x 1.0 x 0.37
Ptot (mW)
300
300
350
Polarity
V
CEO
(V)
I
C (mA)
h
FE min
h
FE
max
h
FE1/hFE2
V
BE1 - VBE2
(mV)
NPN
45
100
200
450
0.9 1)
2
BCM847BS
0.95
2
PMP4501G
PMP4501Y
BCM847QAS
PMP4501QAS
0.98
2
PMP4201G
PMP4201Y
65
100
200
450
0.9
2
BCM846BS
Configuration
PNP
45
100
200
450
0.9 1)
2
BCM857BS
0.95
2
PMP5501G
PMP5501Y
BCM857QAS
PMP5501QAS
0.98
2
PMP5201G
PMP5201Y
65
100
200
450
0.9
2
BCM856BS
Configuration
1)
IC1 / IE2
Automotive-qualified
Package
SOT143B
SOT457
(SC-74)
LFPAK56D
(SOT1205)
Size (mm)
2.9 x 1.3 x 1.0
2.9 x 1.5 x 1.0
5 x 6 x 1.1
Ptot (mW)
250
750
1250
Polarity V
CEO (V)
I
C (mA)
h
FE min
h
FE max
h
FE1/hFE2
V
BE1 - VBE2 (mV)
NPN
30
100
110
800
0.7 1)
n.a.
BCV61/A/B/C
45
100
200
450
0.9 1)
n.a.
BCM61B
2
BCM847DS
80
100
63
250
0.95
n.a.
BCM56DS
100
3000
150
-
0.95
n.a.
PHPT610035NK
Configuration
PNP
30
100
100
800
0.7 1)
n.a.
BCV62/A/B/C
45
100
200
450
0.9 1)
n.a.
BCM62B
2
BCM857DS
65
100
200
450
0.9
2
BCM856DS
80
100
63
250
0.95
n.a.
BCM53DS
100
3000
150
-
0.9
n.a.
PHPT610035PK
Configuration
1)
IC1 / IE2
General purpose bipolar transistors
Matched paIR transistors
Matched paIR transistors - part 2
- part 1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com