Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 193 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 193 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 189Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 190Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 191Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 192Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 193Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 194Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 195Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 196Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 197Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 234 page
background image
193
Dimensions in mm
DSN0603-2 (SOD962)
DSN0603-2 (SOD962)
Unit
mm
max
nom
min
0.32
0.28
0.0076
0.325
0.275
0.625
0.575
0.4
0.15
0.13
A(1)
Dimensions
Note
1. Dimension A is including coating foil thickness.
2. The marking bar indicates the cathode.
A1
b
0.25
0.23
D
E
e1
L
0
0.5 mm
scale
A
A1
E
D
(2)
e1
L
b
1
2
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
R0.025 (8´)
0.12
(2´)
0.2
(2´)
0.22
(2´)
0.4
0.85
0.4
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
R0.025 (8´)
0.12
(2´)
0.2
(2´)
0.22
(2´)
0.4
0.85
0.4
DSN1006-2 (SOD993)
DSN1006-2 (SOD993)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD993
sod993_po
14-10-24
14-10-24
Unit
mm
max
nom
min
0.30 0.03
0.65
1.05
0.65
A
Dimensions (mm are the original dimensions)
A1
b
0.51
0.55
0.95
0.49
D
E
e1
0
0.5 mm
scale
A
A1
E
D
L
L
b
b
1
2
0.26
0.24
L
0.24
(1)
Note
1. The marking bar indicates the cathode.
e1
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
14-10-27
14-11-04
0.4
0.25
0.35
0.3
0.5
0.6
0.65
0.25
0.35
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
14-10-27
14-11-04
0.4
0.25
0.35
0.3
0.5
0.6
0.65
0.25
0.35
DSN1006-2 (SOD993B)
DSN1006-2 (SOD993B)
Nexperia
SOD992B
silicon, leadless tiny package; 2 terminals; 0.28 mm pitch; 0.43 mm x 0.23 mm x 0.12 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD992B
- - -
sod992b_po
18-08-21
18-08-22
Unit
mm
max
nom
min
0.14 0.46
0.15 0.22
0.28
0.43
0.40
A
Dimensions (mm are the original dimensions)
DSN0402B-2, leadless tiny package; 2 terminals
SOD992B
E
D
0.26
0.11
0.18
0.20
L
b
e
0
0.5 mm
scale
A
E
D
L
L
b (2x)
1
2
optional feature
(polarity indicator)
side view
e
0.12
0.23 0.13 0.20
0.10
X
detail X
top view
bottom view
Fig. 1. Package outline DSN0402B (SOD992B)
SOD992B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
3 October 2019
2 / 5
Nexperia
SOD993B
DSN1006-2, leadless ultra small package; 2 terminals; body 1.0 x 0.6 x 0.27 mm
3. Soldering
SOD993B
sod993b_fr
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
18-11-14
18-11-19
0.5
0.6
0.8
0.25
0.2
R0.075
0.35
1.2
0.3
0.4
0.65
0.4
recommend stencil thickness: 0.1 mm
Fig. 2. Reflow soldering footprint for DSN1006-2 (SOD993B)
SOD993B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
22 November 2018
3 / 5
Nexperia
SOD993B
DSN1006-2, leadless ultra small package; 2 terminals; body 1.0 x 0.6 x 0.27 mm
3. Soldering
SOD993B
sod993b_fr
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
18-11-14
18-11-19
0.5
0.6
0.8
0.25
0.2
R0.075
0.35
1.2
0.3
0.4
0.65
0.4
recommend stencil thickness: 0.1 mm
Fig. 2. Reflow soldering footprint for DSN1006-2 (SOD993B)
SOD993B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
22 November 2018
3 / 5
DFN0603-2 (SOD972E)
DFN0603-2 (SOD972E)
Nexperia
SOD972E
plastic, ultra small and leadless full encapsulated package; 2 terminals; 0.4 mm pitch; 0.63 mm x 0.33
mm x 0.25 mm body
3. Soldering
Footprint information for reflow soldering of ultra small and leadless encapsulated package; 2 terminals
SOD972E
sod972e_fr
occupied area
solder paste
solder lands
Dimensions in mm
18-04-27
18-05-09
0.19
0.47
0.28
0.28
0.75
0.85
0.3
0.4
solder resist
0.5
0.216
0.254
0.254
0.95
Fig. 2. Reflow soldering footprint for DFN0603-2 (SOD972E)
SOD972E
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
23 May 2018
3 / 5
Nexperia
SOD972E
plastic, ultra small and leadless full encapsulated package; 2 terminals; 0.4 mm pitch; 0.63 mm x 0.33
mm x 0.25 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD972E
- - -
sod972e_po
18-04-16
18-05-09
Unit
mm
max
nom
min
0.275 0.03
0.15
0.4
A
Dimensions (mm are the original dimensions)
Indication
of Cathode
DFN0603-2, ultra small and leadless encapsulated package; 2 terminals; body 0.63 x 0.33 x 0.25 mm
SOD972E
A1
b
0.25
0.13
0.23
e
0.655
E
0.355
0.605
0.305
D
L
0
0.5 mm
scale
A
A1
E
D
0.225
Note
1. The marking bar indicates the cathode.
(1)
b (2x)
L (2x)
1
2
top View
OPTIONAL FEATURE
(polarity indicator)
e1
bottom view
side view
detail X
X
Fig. 1. Package outline DFN0603-2 (SOD972E)
SOD972E
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
23 May 2018
2 / 5
Nexperia
SOD972E
plastic, ultra small and leadless full encapsulated package; 2 terminals; 0.4 mm pitch; 0.63 mm x 0.33
mm x 0.25 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD972E
- - -
sod972e_po
18-04-16
18-05-09
Unit
mm
max
nom
min
0.275 0.03
0.15
0.4
A
Dimensions (mm are the original dimensions)
Indication
of Cathode
DFN0603-2, ultra small and leadless encapsulated package; 2 terminals; body 0.63 x 0.33 x 0.25 mm
SOD972E
A1
b
0.25
0.13
0.23
e
0.655
E
0.355
0.605
0.305
D
L
0
0.5 mm
scale
A
A1
E
D
0.225
Note
1. The marking bar indicates the cathode.
(1)
b (2x)
L (2x)
1
2
top View
OPTIONAL FEATURE
(polarity indicator)
e1
bottom view
side view
detail X
X
Fig. 1. Package outline DFN0603-2 (SOD972E)
SOD972E
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
23 May 2018
2 / 5
Nexperia
SOD972E
plastic, ultra small and leadless full encapsulated package; 2 terminals; 0.4 mm pitch; 0.63 mm x 0.33
mm x 0.25 mm body
3. Soldering
Footprint information for reflow soldering of ultra small and leadless encapsulated package; 2 terminals
SOD972E
sod972e_fr
occupied area
solder paste
solder lands
Dimensions in mm
18-04-27
18-05-09
0.19
0.47
0.28
0.28
0.75
0.85
0.3
0.4
solder resist
0.5
0.216
0.254
0.254
0.95
Fig. 2. Reflow soldering footprint for DFN0603-2 (SOD972E)
SOD972E
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
23 May 2018
3 / 5
Minimized outline drawings and reflow soldering footprint
2-pin SMD packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com