Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 195 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 195 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 191Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 192Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 193Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 194Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 195Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 196Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 197Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 198Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 199Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 234 page
background image
195
DFN1608D-2 (SOD1608)
DFN1608D-2 (SOD1608)
Nexperia
SOD964
silicon, leadless very small package; 2 terminals; 0.6 mm pitch; 1.6 mm x 0.8 mm x 0.29 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD964
sod964_po
15-08-13
16-01-03
Unit
mm
max
nom
min
0.31 0.03
0.85 1.65
0.6 0.285
A
Dimensions (mm are the original dimensions)
Indication
of Cathode
DSN1608-2, leadless very small package; 2 terminals; body 1.6 x 0.8 x 0.29 mm
SOD964
A1
b
0.71
0.75
1.55
0.69
D
0.46
b2
0.645
0.44
0.625
b1
E
e1
0
1 mm
scale
A
A1
E
D
L1
L
L2
b1
b (2x)
b2
1
2
e2
0.31
0.29
L
0.94
0.92
L1
0.36
0.34
L2
0.27
Note
1. The marking bar indicates the cathode.
e1
e2
(1)
Fig. 1. Package outline DSN1608-2 (SOD964)
SOD964
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 September 2018
2 / 5
DSN1608-2 (SOD964)
DSN1608-2 (SOD964)
Nexperia
SOD964
silicon, leadless very small package; 2 terminals; 0.6 mm pitch; 1.6 mm x 0.8 mm x 0.29 mm body
3. Soldering
SOD964
sod964_fr
occupied area
solder paste
solder resist
Cu trace
Dimensions in mm
16-10-26
17-03-29
0.885
0.93
0.27
0.3
1.8
2
0.7
1.2
R = 0.075 mm
Fig. 2. Reflow soldering footprint for DSN1608-2 (SOD964)
SOD964
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 September 2018
3 / 5
Nexperia
SOD964
silicon, leadless very small package; 2 terminals; 0.6 mm pitch; 1.6 mm x 0.8 mm x 0.29 mm body
3. Soldering
SOD964
sod964_fr
occupied area
solder paste
solder resist
Cu trace
Dimensions in mm
16-10-26
17-03-29
0.885
0.93
0.27
0.3
1.8
2
0.7
1.2
R = 0.075 mm
Fig. 2. Reflow soldering footprint for DSN1608-2 (SOD964)
SOD964
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 September 2018
3 / 5
2-pin SMD packages
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
Images are for reference only, for detailed drawings please visit nexperia.com/packages
SC-90 (SOD323F)
SC-90 (SOD323F)
0.95
1.65
2.2
2.1
3.05
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
0.5
(2´)
0.6
(2´)
0.6 (2´)
0.5 (2´)
0.95
1.65
2.2
2.1
3.05
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
0.5
(2´)
0.6
(2´)
0.6 (2´)
0.5 (2´)
SOD323
SOD323
0.95
1.65
2.2
2.1
3.05
solder lands
solder resist
occupied area
solder paste
0.5
(2´)
0.6
(2´)
0.6 (2´)
0.5 (2´)
sod323_fr
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com