Electronic Components Datasheet Search
  English  ▼

X  

CSD22206WT Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD22206WT
Description  CSD22206W –8-V P-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22206WT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD22206WT Datasheet HTML 2Page - Texas Instruments CSD22206WT Datasheet HTML 3Page - Texas Instruments CSD22206WT Datasheet HTML 4Page - Texas Instruments CSD22206WT Datasheet HTML 5Page - Texas Instruments CSD22206WT Datasheet HTML 6Page - Texas Instruments CSD22206WT Datasheet HTML 7Page - Texas Instruments CSD22206WT Datasheet HTML 8Page - Texas Instruments CSD22206WT Datasheet HTML 9Page - Texas Instruments CSD22206WT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
D011
-VDS - Drain-to-Source Voltage (V)
0.1
1
10
20
20
0.1
1
10
100
200
D010
100 ms
10 ms
1 ms
TA - Ambient Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
D008
VGS = -4.5 V
-VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
D009
TC = -55qC
TC = -40qC
TC = 25qC
TC = 125qC
TC = 150qC
6
CSD22206W
SLPS689 – MAY 2017
www.ti.com
Product Folder Links: CSD22206W
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
ID = –2 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single pulse, max RθJA = 75°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com