Electronic Components Datasheet Search
  English  ▼

X  

INA630 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA630
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA630 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA630 Datasheet HTML 6Page - Texas Instruments INA630 Datasheet HTML 7Page - Texas Instruments INA630 Datasheet HTML 8Page - Texas Instruments INA630 Datasheet HTML 9Page - Texas Instruments INA630 Datasheet HTML 10Page - Texas Instruments INA630 Datasheet HTML 11Page - Texas Instruments INA630 Datasheet HTML 12Page - Texas Instruments INA630 Datasheet HTML 13Page - Texas Instruments INA630 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
Frequency (Hz)
5
10
20
30
50
100
200
300
500
1000
2000
3000
5000
100m
1
10
100
1k
10k
100k
Figure 6-17. Current Noise Spectral Density vs Frequency (RTI)
Time (1s/div)
.
Figure 6-18. 0.1Hz to 10Hz RTI Current Noise, G = 20V/V
Time (1s/div)
Figure 6-19. 0.1Hz to 10Hz RTI Voltage Noise, G = 20V/V
Time (1s/div)
Figure 6-20. 0.1Hz to 10Hz RTI Voltage Noise, G = 100V/V
Differential Input Voltage (V)
-0.5
-0.25
0
0.25
0.5
-2
-1
0
1
2
3
VS+ Current
VS- Current
Figure 6-21. Supply Current vs Differential Input Voltage
Differential Input Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-45
-30
-15
0
15
30
INP Current
INN Current
Figure 6-22. Input Current vs Differential Input Voltage
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com