Electronic Components Datasheet Search
  English  ▼

X  

AS6C6264 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS6C6264
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS6C6264 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
®
8K X 8 BIT LOW POWER CMOS SRAM
28 pin 330 mil SOP Package Outline Dimension
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.120 (MAX) 3.048 (MAX)
A1
0.002(MIN)
0.05(MIN)
A2
0.098±0.005 2.489±0.127
b
0.016 (TYP) 0.406(TYP)
c
0.010 (TYP) 0.254(TYP)
D
0.728 (MAX) 18.491 (MAX)
E
0.340 (MAX) 8.636 (MAX)
E1
0.465±0.012 11.811±0.305
e
0.050 (TYP) 1.270(TYP)
L
0.05 (MAX)
1.270 (MAX)
L1
0.067±0.008 1.702 ±0.203
S
0.047 (MAX) 1.194 (MAX)
y
0.003(MAX) 0.076(MAX)
Θ
0o~10o
0o~10o
Page 9 of 12
July 2017, v2.0
Alliance Memory Inc
February 2007
Updated July 2017
AS6C6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com