Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00 Datasheet(PDF) 1 Page - ITT Industries

Part # TST12AS00
Description  Trident Connector System Snap Together - Rectangular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 Datasheet(HTML) 1 Page - ITT Industries

  TST12AS00 Datasheet HTML 1Page - ITT Industries TST12AS00 Datasheet HTML 2Page - ITT Industries TST12AS00 Datasheet HTML 3Page - ITT Industries TST12AS00 Datasheet HTML 4Page - ITT Industries TST12AS00 Datasheet HTML 5Page - ITT Industries TST12AS00 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Trident Connector System
Snap Together - Rectangular
T
hese are low installed cost connectors
rated for up to 13 A and 250 V ac. They
are typically used for circuit board and
internal wiring applications. Snap Together
connectors facilitate easy assembly and
removal of equipment such as motors, fans,
transformers, etc.
Applications:
• Circuit board connections.
• Internal connections.
Product Features
• Easy cost effective installation.
• Integrally molded latches and connector
polarization.
• Recognized under the component program
of UL Inc. and CSA.
• Inter-connector discrimination facilities
available.
• Accepts formed (stamped) or machined
contacts, see page 45.
Performance Specifications
Operating Voltage
250 V ac rms
Contact Current Rating
Up to 13 A (For derating curve, see page 44)
Temperature Range
–55°C to 105°C (–67°F to 221°F) for Free Plug and Panel Receptacles
–40°C to 105°C (–40°F to 221°F) for PCB Mounted Receptacles
Insulation Resistance
5000 MΩ at 500 V dc
Connector Latching Force
150 N min. with latches engaged
Test Voltage
2000 V ac for 60 secs
Panel Retention Force
500 N min.
Materials and Finishes
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
4
Description
Material
Finish
Insulator
Black Nylon, UL 94V-0
None
For more information: www.ittcannon.com/cat001


Similar Part No. - TST12AS00

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TST12AS00 ITT-TST12AS00 Datasheet
5Mb / 96P
A historical Achievement of technology Leadership
TST12AS00T ITT-TST12AS00T Datasheet
5Mb / 96P
CANNON TRIDENT SERIES
More results

Similar Description - TST12AS00

ManufacturerPart #DatasheetDescription
logo
FCI connector
86303641B FCI-CONNECTOR-86303641B Datasheet
59Kb / 1P
SNAP TOGETHER
logo
ITT Industries
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
Cannon Trident Connector System Neptune Circular Connectors
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
Cannon Trident Connector System Snap Together-Rectangular
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
Cannon Trident Connector System Snap Together-Slimline
SLE ITT-SLE Datasheet
388Kb / 14P
Snap-Lock Environmentally Sealed - Rectangular
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
Cannon Trident Series
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
CANNON TRIDENT SERIES
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
Cannon Trident Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com