Electronic Components Datasheet Search
  English  ▼

X  

1635000000 Datasheet(PDF) 13 Page - Weidmuller

Part # 1635000000
Description  AL4C 2.5 OR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1635000000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 1635000000 Datasheet HTML 9Page - Weidmuller 1635000000 Datasheet HTML 10Page - Weidmuller 1635000000 Datasheet HTML 11Page - Weidmuller 1635000000 Datasheet HTML 12Page - Weidmuller 1635000000 Datasheet HTML 13Page - Weidmuller 1635000000 Datasheet HTML 14Page - Weidmuller 1635000000 Datasheet HTML 15Page - Weidmuller 1635000000 Datasheet HTML 16Page - Weidmuller 1635000000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data sheet
 
AL4C 2.5 OR
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
 
Creation date May 23, 2023 9:04:58 PM CEST
 
Catalogue status 12.05.2023 / We reserve the right to make technical changes.
13
Type
ATPG 2.5/3
Order No.
2041190000
GTIN (EAN) 4050118409604
Qty.
25 pc(s).
Type
ATPG 2.5/5
Order No.
2041180000
GTIN (EAN) 4050118409505
Qty.
25 pc(s).
 
Digital current clamp devices
  Digitalcurrentclampdevicesandattachmentsand
adapters are used for measuring AC and DC currents.
The significant advantage of these devices is that you
can make a measurement without breaking the flow of
current.
General ordering data
Version
Type
ZUB MULTIMETER
Order No.
9205270000
GTIN (EAN) 4032248723522
Qty.
1 pc(s).
Multimeter
 
Slotted screwdriver
  VDEinsulatedscrewdriversets,forworkingonlive
parts up to 1000 V AC and 1500 V DC, DIN EN 60900.
IEC 900. Each piece is "GS" safety tested. Blade made
from fully hardened, high-alloy chromium-vanadium-
molybdenum steel, gun-metal finish.
General ordering data
Version
Type
SDIS SLIM 0.6X3.5X100
Order No.
2749610000
GTIN (EAN) 4050118896350
Qty.
1 pc(s).
Mounting tool, Blade width (B): 3.5 mm, Blade length: 100 mm, Blade
thickness (A): 0.6 mm
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com