Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVR Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA392DBVR
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA392DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA392DBVR Datasheet HTML 19Page - Texas Instruments OPA392DBVR Datasheet HTML 20Page - Texas Instruments OPA392DBVR Datasheet HTML 21Page - Texas Instruments OPA392DBVR Datasheet HTML 22Page - Texas Instruments OPA392DBVR Datasheet HTML 23Page - Texas Instruments OPA392DBVR Datasheet HTML 24Page - Texas Instruments OPA392DBVR Datasheet HTML 25Page - Texas Instruments OPA392DBVR Datasheet HTML 26Page - Texas Instruments OPA392DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
8.3 Power Supply Recommendations
The OPAx392 are specified for operation from 1.7 V to 5.5 V (±0.85 V to ±2.75 V).
CAUTION
Exceeding supply voltages listed in the Absolute Maximum Ratings table can permanently damage
the device.
8.4 Layout
8.4.1 Layout Guidelines
Pay attention to good layout practice. Keep traces short, and when possible, use a printed-circuit board
(PCB) ground plane with surface-mount components placed as close to the device pins as possible. Place
a 0.1-µF capacitor closely across the supply pins. These guidelines must be applied throughout the analog
circuit to improve performance and provide benefits such as reducing the electromagnetic interference (EMI)
susceptibility.
For lowest offset voltage and precision performance, circuit layout and mechanical conditions must be optimized.
Avoid temperature gradients that create thermoelectric (Seebeck) effects in the thermocouple junctions formed
from connecting dissimilar conductors. These thermally-generated potentials can be made to cancel by making
sure these potentials are equal on both input terminals. Other layout and design considerations include:
• Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
• Use guard traces to minimize leakage current when ultra-low bias current is required.
• Thermally isolate components from power supplies or other heat sources.
• Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Following these guidelines reduces the likelihood of junctions being at different temperatures, which can cause
thermoelectric voltage drift of 0.1 µV/°C or higher, depending on materials used.
8.4.2 Layout Example
+
V
IN
V
OUT
R
G
R
F
Figure 8-3. OPA392 Layout Schematic
CBYPASS
Minimize
parasitic
inductance by
placing bypass
capacitor close
to V+.
RF
Route trace under package for output to
feedback resistor connection.
V+
±IN
+IN
V±
OUT
Keep high
impedance
input signal
away from
noisy traces.
VIN
VOUT
VS
RG
Figure 8-4. OPA392 Layout Example
www.ti.com
OPA392, OPA2392, OPA4392
SBOS926I – JANUARY 2021 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA392 OPA2392 OPA4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com