Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT.A Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA392DBVT.A
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA392DBVT.A Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA392DBVT.A Datasheet HTML 25Page - Texas Instruments OPA392DBVT.A Datasheet HTML 26Page - Texas Instruments OPA392DBVT.A Datasheet HTML 27Page - Texas Instruments OPA392DBVT.A Datasheet HTML 28Page - Texas Instruments OPA392DBVT.A Datasheet HTML 29Page - Texas Instruments OPA392DBVT.A Datasheet HTML 30Page - Texas Instruments OPA392DBVT.A Datasheet HTML 31Page - Texas Instruments OPA392DBVT.A Datasheet HTML 32Page - Texas Instruments OPA392DBVT.A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.35 MAX
0.135
0.075
0.8
TYP
0.4
TYP
0.4
TYP
9X
0.20
0.16
B
E
A
D
4232245/A 09/2025
D: Max = 1.190 mm, Min = 1.130 mm
DSBGA - 0.35 mm max height
YBJ0009-C02
DIE SIZE BALL GRID ARRAY
E: Max = 1.190 mm, Min = 1.130 mm
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
2
0.015
C A B
SYMM
SYMM
B
C
3
SCALE 11.000
www.ti.com
OPA392, OPA2392, OPA4392
SBOS926I – JANUARY 2021 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA392 OPA2392 OPA4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com