Electronic Components Datasheet Search
  English  ▼

X  

BMS465 Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # BMS465
Description  Brushless, Slotless Rotary Motors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

BMS465 Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  BMS465 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. BMS465 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. BMS465 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. BMS465 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. BMS465 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. BMS465 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. BMS465 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
BMS SERIES SPECIFICATIONS
1. Performance is dependent upon heat sink configuration, system cooling conditions, and ambient temperature.
2. All performance and electrical specifications ±10%.
3. Values shown @75°C rise above a 25°C ambient temperature, with housed motor mounted to a 250 mm x 250 mm x 6 mm aluminum heat sink.
4. Peak torque assumes correct rms current; consult Aerotech.
5. Torque constant and motor constant specified at stall.
6. All Aerotech amplifiers are rated Apk; use torque constant in N·m/Apk when sizing.
Model
Units
BMS35
BMS60
BMS100
BMS280
BMS465
Winding Designation
-A
Performance Specifications1,2
Stall Torque, Continuous3
N·m
0.27
0.33
0.56
1.60
2.86
Peak Torque4
N·m
1.07
1.31
2.26
6.41
11.43
Rated Speed
rpm
4000
4000
3000
3000
2000
Rated Power Output, Continuous
W
96.0
116.1
133
381
457
Electrical Specifications2
BEMF Constant (Line-Line, Max)
Vpk/krpm
12.9
19.0
40.0
57.0
79.0
Continuous Current, Stall3
Apk
2.5
2.3
2.1
3.8
4.9
Arms
1.7
1.6
1.5
2.7
3.5
Peak Current, Stall4
Apk
9.8
9.2
8.4
15.2
19.6
Arms
6.9
6.5
5.9
10.7
13.9
Torque Constant5,6
N·m/Apk
0.11
0.14
0.27
0.42
0.58
N·m/Arms
0.15
0.20
0.38
0.60
0.82
Motor Constant3,5
N·m/√W
0.046
0.050
0.076
0.179
0.280
Resistance, 25°C, (Line-Line)
Ω
5.8
8.4
12.9
5.7
4.4
Inductance (Line-Line)
mH
1.70
1.30
2.40
1.10
0.87
Maximum Bus Voltage
VDC
340
Thermal Resistance
°C/W
2.21
1.73
1.35
0.93
0.72
Number of Poles
P
8
14
Mechanical Specifications
Frame Size
 NEMA
17
23
34
Mass
kg
0.6
1.1
1.5
3.6
5.0
Mass with Brake
kg
0.8
1.6
2.0
4.2
5.7
Rotor Moment of Inertia
kg·m2
1.86x10-5
1.96x10-5
3.71x10-5
4.33x10-4
8.57x10-4
Max. Radial Load
N
45
89
178
Max. Axial Load
N
45
89
Standards
2011/65/EU RoHS 2 Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com