Electronic Components Datasheet Search
  English  ▼

X  

MPQ3364 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ3364
Description  4-Channel, Maximum 150mA/Ch Boost WLED Driver with 15000:1 Dimming Ratio and I²C, AEC-Q100
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3364 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ3364 Datasheet HTML 3Page - Monolithic Power Systems MPQ3364 Datasheet HTML 4Page - Monolithic Power Systems MPQ3364 Datasheet HTML 5Page - Monolithic Power Systems MPQ3364 Datasheet HTML 6Page - Monolithic Power Systems MPQ3364 Datasheet HTML 7Page - Monolithic Power Systems MPQ3364 Datasheet HTML 8Page - Monolithic Power Systems MPQ3364 Datasheet HTML 9Page - Monolithic Power Systems MPQ3364 Datasheet HTML 10Page - Monolithic Power Systems MPQ3364 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MPQ3364
– 4-CH BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C, AEC-Q100
MPQ3364 Rev. 1.1
MonolithicPower.com
7
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ = -40°C to
+125°C, typical value is at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Operating input voltage
VIN
3.5
36
V
Quiescent supply current
IQ
No switching
5
mA
Shutdown supply current
IST
VEN = 0V, VIN = 12V
1
μA
Input UVLO threshold
VIN_UVLO
Rising edge
3.1
V
Input UVLO hysteresis
100
mV
LDO output voltage
VCC
VEN = 2V, 6V < VIN < 24V,
0mA < IVCC < 10mA
5
V
EN on threshold
VEN_ON
VEN rising
1.2
V
EN off threshold
VEN_OFF
VEN falling
0.4
V
EN pull-down resistance
REN
1
M
Ω
Step-Up Converter
Low-side MOSFET on
resistance
RDS(ON)_LS VIN = 12V
100
m
Ω
SW leakage current
ISW_LK
VSW = 45V
1
μA
Switching frequency
fSW
RFREQ = 10k
Ω
1.98
2.2
2.42
MHz
RFREQ = 40k
Ω
495
550
605
kHz
FSW1:0 = 01, FREQ floating
340
400
460
kHz
FREQ voltage
VFREQ
0.57
0.6
0.63
V
ADR pull-up current
IADR
18
μA
Maximum duty cycle
DMAX
fSW = 1MHz
90
%
Cycle-by-cycle current
limiting
ISW_LIMIT
TJ = +25°C and -40°C,
Duty = 90%
5.5
7
A
TJ = 125°C, duty = 90%
4.5
5.5
A
Current limit protection
ICL
To trigger current limit protection
12
A
SYNC input low threshold
VSYNC_LO VSYNC falling
0.4
V
SYNC input high threshold
VSYNC_HI
VSYNC rising
1.2
V
PSE active threshold
VPSE
Phase shift enabled
0.75
0.9
1.0
V
COMP trans-conductance
GCOMP
∆ICOMP ≤ 10μA
100
μA/V
COMP source current limit
ICOMP_SO
90
μA
COMP sink current limit
ICOMP_SI
30
μA
Current Dimming
DIM input low threshold
VDIM_LO
VDIM falling
0.4
V
DIM input high threshold
VDIM_HI
VDIM rising
1.2
V
MIX/AD input low threshold
VMIX_LO
Mix dimming threshold
0.3
V
MIX/AD input middle
threshold
VMIX_MID
PWM dimming threshold
0.5
0.8
V
MIX/AD input high threshold
VMIX_HI
Analog dimming threshold
1.0
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com