Electronic Components Datasheet Search
  English  ▼

X  

9501021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 9501021
Description  SPOX™ Wire-to-Board Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

9501021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  9501021 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0009501021
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors
Description:
3.96mm Pitch SPOX™ Crimp Housing, Female, with Friction Ramp, 2 Circuits
Documents:
3D Model
Product Specification PS-5195-007-001 (PDF)
Drawing (PDF)
Product Specification PS-5273-003 (PDF)
Product Specification PS-5195-003 (PDF)
Product Specification PS-5273-004 (PDF)
Product Specification PS-5195-005-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5195
Application
Signal, Wire-to-Board
Overview
SPOX™ Wire-to-Board Connectors
Product Name
SPOX™
UPC
800753534391
Physical
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
685.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Engineering Number
5195-02
Reference - Drawing Numbers
Product Specification
PS-5195-003, PS-5195-005-001, PS-5195-007-001,
PS-5273-003, PS-5273-004
Sales Drawing
SD-5195-N
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5195 Series
Mates With
5272 , 5273 , 5274 right angle PCB header,
5096 , 53405 , 5271
Use With
5194 , 5225
This document was generated on 01/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 9501021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9501060100 ETC2-9501060100 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
9501060100 ETC2-9501060100 Datasheet
32Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
95010601000 ETC2-95010601000 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
95010601000 ETC2-95010601000 Datasheet
32Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
9501060500 ETC2-9501060500 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
More results

Similar Description - 9501021

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Molex Electronics Ltd.
0022011084 MOLEX2-0022011084 Datasheet
96Kb / 2P
2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 8 Circuits
0022011154 MOLEX2-0022011154 Datasheet
96Kb / 2P
2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 15 Circuits
0022011094 MOLEX2-0022011094 Datasheet
96Kb / 2P
2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 9 Circuits
0353010760 MOLEX4-0353010760 Datasheet
164Kb / 4P
2.50mm (.098") Pitch SPOX??Wire-to-Board Header
0008701039 MOLEX1-0008701039_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Board Crimp Terminal, Reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com